Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18EG221SN1D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM18EG221SN1D
Description  EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18EG221SN1D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM18EG221SN1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18EG221SN1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18EG221SN1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18EG221SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead for GHz Noise
2012.1.10
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
EMIFIL
r (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18E Series (0603 Size)
c Dimensions
1.6±0.15
0.8±0.15
0.4±0.2
(in mm)
Part Number
T
BLM18EG
pppTN1 0.5±0.15
BLM18EG
pppSN1 0.8±0.15
: Electrode
c Equivalent Circuit
(Resistance element becomes dominant
at high frequencies.)
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20°C)
Impedance
(at 1GHz/20°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18EG101TN1
p
100ohm ±25%
140ohm (Typ.)
2000mA
0.045ohm max.
-55 to +125°C
BLM18EG121SN1
p
120ohm ±25%
145ohm (Typ.)
2000mA
0.04ohm max.
-55 to +125°C
BLM18EG221SN1
p
220ohm ±25%
260ohm (Typ.)
2000mA
0.05ohm max.
-55 to +125°C
BLM18EG221TN1
p
220ohm ±25%
300ohm (Typ.)
1000mA
0.15ohm max.
-55 to +125°C
BLM18EG331TN1
p
330ohm ±25%
450ohm (Typ.)
500mA
0.21ohm max.
-55 to +125°C
BLM18EG391TN1
p
390ohm ±25%
520ohm (Typ.)
500mA
0.3ohm max.
-55 to +125°C
BLM18EG471SN1
p
470ohm ±25%
550ohm (Typ.)
500mA
0.21ohm max.
-55 to +125°C
BLM18EG601SN1
p
600ohm ±25%
700ohm (Typ.)
500mA
0.35ohm max.
-55 to +125°C
Number of Circuits: 1
Continued on the following page.


Similar Part No. - BLM18EG221SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18EG221SN1D MURATA-BLM18EG221SN1D Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Microchip Technology
BLM18EG221SN1D MICROCHIP-BLM18EG221SN1D Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Murata Manufacturing Co...
BLM18EG221SN1D MURATA1-BLM18EG221SN1D Datasheet
287Kb / 4P
   BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
More results

Similar Description - BLM18EG221SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18HE102SN1D MURATA-BLM18HE102SN1D Datasheet
228Kb / 6P
   EMIFILr (Inductor type) Chip Ferrite Bead for GHz Noise
BLM21PG300SN1D MURATA-BLM21PG300SN1D Datasheet
123Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM21AG102SN1D MURATA-BLM21AG102SN1D Datasheet
112Kb / 3P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM21PG600SN1D MURATA-BLM21PG600SN1D Datasheet
123Kb / 4P
   EMIFILr (Inductor type) Chip Ferrite Bead
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18EG101TN1 MURATA-BLM18EG101TN1 Datasheet
146Kb / 4P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HG102SN1J MURATA-BLM15HG102SN1J Datasheet
187Kb / 3P
   Chip Ferrite Bead for GHz Noise
BLM31A MURATA-BLM31A Datasheet
50Kb / 2P
   Chip EMIFILr Inductor Type Chip Ferrite Beads
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com