Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6S26-ISL Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6S26-ISL
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S26-ISL Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6S26-ISL Datasheet HTML 3Page - Microchip Technology MCP6S26-ISL Datasheet HTML 4Page - Microchip Technology MCP6S26-ISL Datasheet HTML 5Page - Microchip Technology MCP6S26-ISL Datasheet HTML 6Page - Microchip Technology MCP6S26-ISL Datasheet HTML 7Page - Microchip Technology MCP6S26-ISL Datasheet HTML 8Page - Microchip Technology MCP6S26-ISL Datasheet HTML 9Page - Microchip Technology MCP6S26-ISL Datasheet HTML 10Page - Microchip Technology MCP6S26-ISL Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 7
MCP6S21/2/6/8
1.1
DC Output Voltage Specs / Model
1.1.1
IDEAL MODEL
The ideal PGA output voltage (VOUT) is:
EQUATION
(see Figure 1-7). This equation holds when there are
no gain or offset errors and when the VREF pin is tied to
a low impedance source (<< 0.1
) at ground potential
(VSS = 0V).
1.1.2
LINEAR MODEL
The PGA’s linear region of operation, including offset
and gain errors, is modeled by the line VO_linear, shown
in Figure 1-7.
EQUATION
The endpoints of this line are at VO_ideal =0.3V and
VDD-0.3V. The gain and offset specifications referred to
in the electrical specifications are related to Figure 1-7,
as follows:
EQUATION
FIGURE 1-7:
Output Voltage Model with
the standard condition VREF = VSS = 0V.
1.1.3
OUTPUT NON-LINEARITY
Figure 1-8 shows the Integral Non-Linearity (INL) of the
output voltage.
EQUATION
The output non-linearity specification in the electrical
specifications is related to Figure 1-8 by:
EQUATION
FIGURE 1-8:
Output Voltage INL with the
standard condition VREF = VSS = 0V.
V
O_ideal
GV
IN
=
V
REF
V
SS
0V
==
where: G is the nominal gain
V
O_linear
G1
g
E
+
 V
IN
0.3V
V
OS
+
 0.3V
+
=
V
REF
V
SS
0V
==
g
E
100%
V
2
V
1
GV
DD
0.6V

--------------------------------------
=
V
OS
V
1
G1
g
E
+

-------------------------
=
GT
A
g
E
T
A
----------
=
G+1
=
0
0
0.3
VDD-0.3
VDD
VOUT (V)
VIN (V)
0.3
VDD - 0.3 VDD
G
GG
V1
V2
INL
V
OUT
V
O_linear
=
V
ONL
max V
4 V3

V
DD
0.6V
---------------------------------
=
0
V3
V4
INL (V)
VIN (V)
0.3
VDD - 0.3 VDD
G
GG
0


Similar Part No. - MCP6S26-ISL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S26 MICROCHIP-MCP6S26 Datasheet
880Kb / 43P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
2003
MCP6S26 MICROCHIP-MCP6S26 Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
More results

Similar Description - MCP6S26-ISL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S92E-SN MICROCHIP-MCP6S92E-SN Datasheet
722Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S93-E MICROCHIP-MCP6S93-E Datasheet
526Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
09/27/04
MCP6S28-ISL MICROCHIP-MCP6S28-ISL Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S91 MICROCHIP-MCP6S91 Datasheet
528Kb / 40P
   Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S21 MICROCHIP-MCP6S21 Datasheet
880Kb / 43P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
2003
MCP6S21 MICROCHIP-MCP6S21_13 Datasheet
761Kb / 42P
   Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Fairchild Semiconductor
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com