Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU3P20 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQU3P20
Description  200V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU3P20 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQU3P20 Datasheet HTML 1Page - Fairchild Semiconductor FQU3P20 Datasheet HTML 2Page - Fairchild Semiconductor FQU3P20 Datasheet HTML 3Page - Fairchild Semiconductor FQU3P20 Datasheet HTML 4Page - Fairchild Semiconductor FQU3P20 Datasheet HTML 5Page - Fairchild Semiconductor FQU3P20 Datasheet HTML 6Page - Fairchild Semiconductor FQU3P20 Datasheet HTML 7Page - Fairchild Semiconductor FQU3P20 Datasheet HTML 8Page - Fairchild Semiconductor FQU3P20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2000 Fairchild Semiconductor International
Rev. A, April 2000
Package Dimensions (Continued)
6.60
±0.20
0.76
±0.10
MAX0.96
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
5.34
±0.20
0.50
±0.10
0.50
±0.10
2.30
±0.20
(0.50)
(0.50)
(4.34)
IPAK


Similar Part No. - FQU3P20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU3P50 FAIRCHILD-FQU3P50 Datasheet
638Kb / 9P
   500V P-Channel MOSFET
More results

Similar Description - FQU3P20

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQAF12P20 FAIRCHILD-FQAF12P20 Datasheet
615Kb / 8P
   200V P-Channel MOSFET
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com