Selected language     English  ▼


3-1-6WL Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part No. 3-1-6WL
Description  Fully encapsulated
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo 

   
 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
RF2, RF3, RF4 Series - Wideband Transformers
Product Dimensions
Type D
4
3
2
1
5
6
6.85
(.270)
MAX
7.62
(.300)
6.35
(.249)
MAX
0.38
(.015)
2.54
(.100)
0.45
(.018)
5.08
(.200)
3.81
(.150)
MIN
TYP.
TYP.
8.38
(.330)
TYP.
Type J
4
3
2
1
5
6
8.38
(.330)
0.38
(.015)
0.25
(.010)
6.35
(.250)
MAX
TYP
TYP
1.14 - 1.27
(.045 - .050)
1.14 - 1.27
(.045 - .050)
Type W
4
3
2
1
5
6
10.92
(.430)
6.35
(.250)
0.38
(.015)
1.14 - 1.27
(.045 - .050)
1.90
(.075)
TYP
TYP
0.25
(.010)
1.14 - 1.27
(.045 - .050)
1.90
(.075)
DIMENSIONS:
MM
(INCHES)
Typical Frequency Response
2-4-1 3 dB Bandwidth 0.200-350 MHz
Frequency (MHz)
2-3-1 3 dB Bandwidth 0.050-250 MHz
Frequency (MHz)
3-1-1 3 dB Bandwidth 0.150-400 MHz
Frequency (MHz)
How To Order
x - x - x x __ __ L
Model
Impedance Ratio
(see “Ratio Impedance”)
Type Number
Termination Type
(see “Product Dimensions”)
D = Through-hole
W = Surface Mount (Gull-Wing)
J = Surface Mount (“J” Leads)
Impedance Ratio
P = Ratio: Primary to Secondary (R : 1)
Blank = Ratio: Secondary to Primary (R : 1)
Where “R” is the Ratio Impedance
in Electrical Specifications chart
Packaging
E = Tape and Reel (Types J and W only)
Blank = Tubes (Types D and W only)
Termination Material
L = 97Sn/2.5Cu/0.5Ag (RoHS Compliant)
Packaging
Tape and Reel (Types J and W only)
....................................... 700 pcs./reel
Tubes (Types D and W only)
........................................ 68 pcs./tube




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl