Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRB-51-H5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SRB-51-H5
Description  RING TONGUE TERMINAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SRB-51-H5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SRB-51-H5 Datasheet HTML 1Page - List of Unclassifed Manufacturers SRB-51-H5 Datasheet HTML 2Page - List of Unclassifed Manufacturers SRB-51-H5 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
RING TONGUE TERMINAL
Without insulation grip
Q'ty /
reel
Dimensions(mm)
Material
thickness
W
C
L
E
d2
(dia.)
Finish
Material
Applicable wire
Standard
Model No.
mm2
AWG #
SRA-20-2.5
SRA-20T-2.5
SRA-20-3.2
SRA-20T-3.2
SRA-50-3
SRA-50T-3
SRA-50-3.7
SRA-50T-3.7
SRA-50-4
SRA-50T-4
SRA-50-H5
SRA-50T-H5
SRB-50-3
SRB-50T-3
SRB-50-3.7
SRB-50T-3.7
SRB-50-4
SRB-50T-4
SRB-50-H5
SRB-50T-H5
SRB-50-5
SRB-50T-5
SRC-50-M3
SRC-50T-M3
SRC-50-M3.5
SRC-50T-M3.5
SRC-50-M4
SRC-50T-M4
SRD-20-3.7
SRD-20T-3.7
SRD-20-4
SRD-20T-4
0.3 to 0.75
0.5 to 2.0
0.5 to 2.0
0.5 to 2.0
0.3 to 0.75
22 to 18
20 to 14
20 to 14
20 to 14
22 to 18
Brass
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Tin-plated
Brass
Brass
Brass
Brass
2.5
3.2
3.2
3.7
4.3
5.1
3.2
3.7
4.3
5.1
5.3
3.2
3.7
4.3
3.7
4.3
7.5
8.7
12.7
10.0
8.7
9.8
12.5
17.0
13.3
12.5
4.2
4.7
7.7
6.7
4.7
4.6
7.5
8.5
6.5
7.5
0.4
0.5
0.5
0.5
0.5
15,000
10,000
7,500
15,000
15,000
Certified LR20812
Listed E42024
W
C
L
E
d2
RoHS compliance


Similar Part No. - SRB-51-H5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 11 SRB-51(T)-** ^

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com