Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMA0303XS Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # TMA0303XS
Description  Fixed Input, Isolated 1WSingle&DualOutputDC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

TMA0303XS Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  TMA0303XS Datasheet HTML 1Page - Microdc power Technology Co., Ltd TMA0303XS Datasheet HTML 2Page - Microdc power Technology Co., Ltd TMA0303XS Datasheet HTML 3Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TMA-XS&TMA-XD
TMA-XS&TMA-XD
TMA-XS&TMA-XD
TMA-XS&TMA-XD
TMA-XS&TMA-XD
TMA-XS&TMA-XD
TMA-XS&TMA-XD
TMA-XS&TMA-XD Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 3
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
7
7 Pin
Pin SIP
SIP package
package
All dimensions in inches ±0.01(mm±0.25mm).
All pins on a 0.1(2.54) pitch and within ±0.01(0.25)of true position.
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
7
7 PIN
PIN SIP
SIP Tube
Tube
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length (7 Pin SIP) : 20.47 (520mm ±2mm).
Tube Quantity :25
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
TMA-XS
TMA-XS
TMA-XD
TMA-XD
P
Pin
in
Function
Function
P
Pin
in
F
Function
unction
1
1
+Vin(Vcc)
1
1
+Vin(Vcc)
2
2
-Vin(GND)
2
2
-Vin(GND)
4
4
-Vout
4
4
-Vout
5
5
No
No Pin
Pin
5
5
Common
Common
6
6
+Vout
6
6
+Vout
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE
TEMPERATURE DERATING
DERATING
DERATING
DERATING
DERATING
DERATING
DERATING
DERATING GRAPHS
GRAPHS
GRAPHS
GRAPHS
GRAPHS
GRAPHS
GRAPHS
GRAPHS
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
TMA-XS
TMA-XS
All dimensions in inches ±0.01 (mm± 0.25mm).
All dimensions in inches ±0.01 (mm± 0.25mm).
TMA-XD
TMA-XD
All dimensions in inches ±0.01 (mm± 0.25mm).
All dimensions in inches ±0.01 (mm± 0.25mm).
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C
for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte
Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are
backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has harmful chemical
substances through the registration, inspection and approval.
Microdc
Microdc
Microdc
Microdc Professional
Professional
Professional
Professional Power
Power
Power
Power Module,Inc.
Module,Inc.
Module,Inc.
Module,Inc.
Tel:0086-20-86000646
Tel:0086-20-86000646
Tel:0086-20-86000646
Tel:0086-20-86000646
E-mail:tech@microdc.cn
E-mail:tech@microdc.cn
E-mail:tech@microdc.cn
E-mail:tech@microdc.cn
Website:
Website:
Website:
Website: www
www
www
www.microdc.
.microdc.
.microdc.
.microdc.c
c
c
cn
n
n
n
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
©2010
Microdc Professional Power Module, Inc. Guangzhou


Similar Part No. - TMA0303XS

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TMA0505D TOUCHSTONE-TMA0505D Datasheet
145Kb / 3P
   DC/DC Converters
logo
TRACO Electronic AG
TMA0505D TRACOPOWER-TMA0505D Datasheet
892Kb / 4P
   DC/DC Converter TMA Series, 1 Watt
Rev. November 30, 2022
logo
Touchstone Semiconducto...
TMA0505S TOUCHSTONE-TMA0505S Datasheet
145Kb / 3P
   DC/DC Converters
logo
TRACO Electronic AG
TMA0505S TRACOPOWER-TMA0505S Datasheet
892Kb / 4P
   DC/DC Converter TMA Series, 1 Watt
Rev. November 30, 2022
logo
Touchstone Semiconducto...
TMA0512D TOUCHSTONE-TMA0512D Datasheet
145Kb / 3P
   DC/DC Converters
More results

Similar Description - TMA0303XS

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
IA-XS-2W MICRODC-IA-XS-2W Datasheet
682Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
2A-XSR MICRODC-2A-XSR Datasheet
351Kb / 2P
   FIXED INPUT,ISOLATED REGULATED Dual Output DC/DC Converters
2B-XD MICRODC-2B-XD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
2B-XSD MICRODC-2B-XSD Datasheet
645Kb / 5P
   Fixed Input,Isolated 2W Single Output DC/DC Converters
IA-XS-1W MICRODC-IA-XS-1W Datasheet
671Kb / 2P
   FIXED INPUT,ISOLATED & REGULATED Dual Output DC/DC Converters
B-XS-1WP MICRODC-B-XS-1WP Datasheet
1Mb / 5P
   1W,Fixed Input ,Isolated & Unregulated Single Output DC/DC Converters
logo
List of Unclassifed Man...
NME0305D ETC2-NME0305D Datasheet
335Kb / 12P
   Isolated 1WSingle Output
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com