Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE0312XMC Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # NTE0312XMC
Description  1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

NTE0312XMC Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  NTE0312XMC Datasheet HTML 1Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 2Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 3Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 4Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 5Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 6
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
1.0
W
Voltage Set Point
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%%
Load regulation1
10% load to rated load, 0303XMC& 0503XMC
10
14
%
10% load to rated load, 0505XMC&1205XMC
12.8
15
%
10% load to rated load, 0506XMC
9.2
10
%
10% load to rated load, 0509XMC& 1209XMC
8.3
9.0
%
10% load to rated load, 0512XMC& 1212XMC
6.8
7.5
%
10% load to rated load, 0515XMC& 1215XMC
6.3
7.0
%
Ripple&Noise
BW=DC to 20MHz, 3.3V output types, 0305XMC & 0505XMC
40
60
mV p-p
BW=DC to 20MHz, 3.3V output types,0505XMC & 1205XMC
62
85
mV p-p
BW=DC to 20MHz, 0506XMC
103
170
mV p-p
BW=DC to 20MHz, 0509XMC& 1209XMC
49
75
mV p-p
BW=DC to 20MHz, 0512XMC& 1212XMC
39
65
mV p-p
BW=DC to 20MHz, 0515XMC& 1215XMC
38
76
mV p-p
Note:1、12V input types have typically 3% less load regulation change.
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
Storage
-55
125
Case temperature
rise above ambient
0305, 0309, 0315
25
0303, 0312, 0503, 0505, 0509, 0512, 0515
30
0505, 1205
43
1209, 1212, 1215
40
Cooling
Free air convection
Technical
Technical
Technical
Technical
Technical
Technical
Technical
Technical notes
notes
notes
notes
notes
notes
notes
notes
ISOLATION
ISOLATION
ISOLATION
ISOLATION VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
‘Hi Pot Test’、“Flash Tested’、”Withstand Voltage“、‘Proof Voltage”、“Dielectric Withstand Voltage'&'Isolation Test Voltage”are all terms that relate to the same thing, a test voltage, applied for a speciffi
ed time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Professional Power Module NTE-X series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no speciffic agency approvals, such as the NTE-X series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test voltage
represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part could be expected to function correctly with several hundred volts
offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a
barrier between these circuits and any user-accessible circuitry according to safety standard requirements.
REPEATED
REPEATED
REPEATED
REPEATED HIGH-VOLTAGE
HIGH-VOLTAGE
HIGH-VOLTAGE
HIGH-VOLTAGE ISOLATION
ISOLATION
ISOLATION
ISOLATION TESTING
TESTING
TESTING
TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials, construction and environment.
The NTE-X series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire.
While parts can be expected to withstand several times the stated
test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high
applied voltages thus implying that the number of tests should be strictly limited. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be
reduced by 20% from speciffied test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature derating
derating
derating
derating
derating
derating
derating
derating graph
graph
graph
graph
graph
graph
graph
graph


Similar Part No. - NTE0312XMC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0312MC MURATA-NTE0312MC Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE0312MC MURATA-NTE0312MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE0312MC MURATA-NTE0312MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
More results

Similar Description - NTE0312XMC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XT-1W MICRODC-A-XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
F-XT-1W MICRODC-F-XT-1W Datasheet
859Kb / 3P
   1W, FIXEDINPUT, ISOLATED SINGLE/DUALOUTPUTDC-DCCONVERTER
MD-XD-6W MICRODC-MD-XD-6W Datasheet
930Kb / 3P
   6W, FIXEDINPUT ISOLATED & REGULATED TWINOUTPUTDIP24 DC-DCCONVERTER
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
D-XNM-1W MICRODC-D-XNM-1W Datasheet
580Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com