Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIG10F1R5MNC Datasheet(PDF) 1 Page - Samsung semiconductor

Part # CIG10F1R5MNC
Description  Power Inductor; CIG Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIG10F1R5MNC Datasheet(HTML) 1 Page - Samsung semiconductor

  CIG10F1R5MNC Datasheet HTML 1Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 2Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 3Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 4Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 5Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
•Low profile (1.0mm max height)
•Magnetically shielded and Low DC resistance
•Lead free termination and internal electrode
•Monolithic structure for high reliability
General Features
•Mobile phones, DSC, DVC, PDA etc. for DC- DC Converter
Application
Ferrite Body
External Electrode
L
W
t
d
Dimensions
L
SIZE CODE
Dimension (mm)
Wt
d
1.6
±0.15
1.6
±0.15
2.0
±0.1
2.0
±0.2
2.0
±0.1
2.0
±0.1
2.5
±0.2
2.5
±0.2
2.5
±0.2
0.8
±0.15
0.8
±0.15
1.25
±0.1
1.25
±0.2
1.25
±0.1
1.25
±0.1
2.0
±0.2
2.0
±0.2
2.0
±0.2
0.5 max
0.8 max
0.5 max
1.0 max
1.0 max
1.0 max
1.0 max
1.2 max
1.0 max
0.1~0.5
0.1~0.5
0.2~0.7
0.2~0.7
0.2~0.7
0.2~0.7
0.3~0.8
0.3~0.8
0.3~0.8
CIG10F Series
CIG10W Series
CIG21F Series
CIG21W Series
CIG21L Series
CIG21C Series
CIG22L Series
CIG22H Series
CIG22B Series
CI
G
22
L
4R7
M
N
E
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
Part Numbering
(1) Chip inductor
(2) Power inductor
(3) Dimensions (10:1608, 21:2012, 22:2520)
(4) Product Series (W: Normal Type, L: Low Rdc Type, F: Low profile Type,
H: High Current Type, B: High Current & Low Profile Type)
(5) Inductance (R47: 0.47uH, 2R2: 2.2uH, 4R7: 4.7uH)
(6) Tolerance (M:
±20%)
(7) Thickness Option (N: Standard, A: Thinner than standard, B: Thicker than standard)
(8) Package Style (C: Paper tape / 7”reel, E: Embossed tape / 7”reel)
Power Inductor; CIG Series
DC-DC converter Type


Similar Part No. - CIG10F1R5MNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIG10W1R0MNC SAMSUNG-CIG10W1R0MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
CIG10W1R5MNC SAMSUNG-CIG10W1R5MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
CIG10W2R2MNC SAMSUNG-CIG10W2R2MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
CIG10W3R3MNC SAMSUNG-CIG10W3R3MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
CIG10W4R7MNC SAMSUNG-CIG10W4R7MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
More results

Similar Description - CIG10F1R5MNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL-1608-S ETC1-RL-1608-S Datasheet
29Kb / 1P
   SMT POWER INDUCTOR SERIES
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Bourns Electronic Solut...
PM5022-1R0M-RC BOURNS-PM5022-1R0M-RC Datasheet
334Kb / 2P
   PM5022 Series SMD Power Inductor
PM5022-680M BOURNS-PM5022-680M Datasheet
334Kb / 2P
   PM5022 Series - SMD Power Inductor
logo
Tyco Electronics
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
   SMD Unshielded Power Inductor Series
logo
Bourns Electronic Solut...
PM54-100M-RC BOURNS-PM54-100M-RC Datasheet
217Kb / 2P
   PM54 Series - SMD Power Inductor
PM54-221K BOURNS-PM54-221K Datasheet
217Kb / 2P
   PM54 Series - SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com