Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CIG10F1R5MNC Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CIG10F1R5MNC
Description  Power Inductor; CIG Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CIG10F1R5MNC Datasheet(HTML) 2 Page - Samsung semiconductor

  CIG10F1R5MNC Datasheet HTML 1Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 2Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 3Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 4Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 5Page - Samsung semiconductor CIG10F1R5MNC Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
48
49
CIG 1608(0603) Type - Low Profile
Part No.
CIG10FR47MNC
CIG10F1R0MNC
CIG10F1R5MNC
CIG10F2R2MNC
Inductance (
μH)
@1MHz
DC Resistance (
Ω)
Rated Current. Idc (A)
△T = 40℃
0.47
±20 %
1.0
±20 %
1.5
±20 %
2.2
±20 %
0.20
±30 %
0.30
±30 %
0.35
±30 %
0.45
±30 %
0.80
0.70
0.60
0.50
Part No.
CIG10WR47MNC
CIG10W1R0MNC
CIG10W1R5MNC
CIG10W2R2MNC
CIG10W3R3MNC
CIG10W4R7MNC
Inductance (
μH)
@1MHz
DC Resistance (
Ω)
Rated Current. Idc (A)
△T = 40℃
0.47
±20 %
1.0
±20 %
1.5
±20 %
2.2
±20 %
3.3
±20 %
4.7
±20 %
0.15
±20 %
0.20
±20 %
0.25
±20 %
0.30
±20 %
0.40
±20 %
0.50
±20 %
1.10
0.95
0.80
0.75
0.70
0.62
CIG 1608(0603) Type
INDUCTANCE
4R7
3R3
2R2
1R5
1R0
R47
10
1
0.1
10
1
0.1
Frequency (MHz)
1
10
100
1000
1
10
100
1000
10000
Current(mA)
DC BIAS CHARACTERISTIC
4R7
3R3
2R2
1R0
1R5
R47
DC BIAS CHARACTERISTIC
2R2
1R5
1R0
R47
10
1
0.1
10
1
0.1
Current(mA)
10
100
1000
10000
1
10
100
1000
10000
Frequency (MHz)
INDUCTANCE
2R2
1R0
1R5
R47


Similar Part No. - CIG10F1R5MNC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CIG10W1R0MNC SAMSUNG-CIG10W1R0MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
CIG10W1R5MNC SAMSUNG-CIG10W1R5MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
CIG10W2R2MNC SAMSUNG-CIG10W2R2MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
CIG10W3R3MNC SAMSUNG-CIG10W3R3MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
CIG10W4R7MNC SAMSUNG-CIG10W4R7MNC Datasheet
177Kb / 2P
   Multilayer Power Inductor
More results

Similar Description - CIG10F1R5MNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL-1608-S ETC1-RL-1608-S Datasheet
29Kb / 1P
   SMT POWER INDUCTOR SERIES
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Bourns Electronic Solut...
PM5022-1R0M-RC BOURNS-PM5022-1R0M-RC Datasheet
334Kb / 2P
   PM5022 Series SMD Power Inductor
PM5022-680M BOURNS-PM5022-680M Datasheet
334Kb / 2P
   PM5022 Series - SMD Power Inductor
logo
Tyco Electronics
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
   SMD Unshielded Power Inductor Series
logo
Bourns Electronic Solut...
PM54-100M-RC BOURNS-PM54-100M-RC Datasheet
217Kb / 2P
   PM54 Series - SMD Power Inductor
PM54-221K BOURNS-PM54-221K Datasheet
217Kb / 2P
   PM54 Series - SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com