Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX1T110 Datasheet(PDF) 1 Page - Rohm

Part # IMX1T110
Description  General purpose transistors(dual transistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX1T110 Datasheet(HTML) 1 Page - Rohm

  IMX1T110 Datasheet HTML 1Page - Rohm IMX1T110 Datasheet HTML 2Page - Rohm IMX1T110 Datasheet HTML 3Page - Rohm IMX1T110 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EMX1 / UMX1N / IMX1
Transistors
1/3
General purpose transistors
(dual transistors)
EMX1 / UMX1N / IMX1
!
!
!
!
Features
1) Two 2SC2412K chips in a EMT or UMT or SMT
package.
2) Mounting possible with EMT3 or UMT3 or SMT3
automatic mounting machines.
3) Transistor elements are independent, eliminating
interference.
4) Mounting cost and area can be cut in half.
!
!
!
!
Structure
Epitaxial planar type
NPN silicon transistor
!
!
!
!
Equivalent circuit
EMX1 / UMX1N
IMX1
(3)
(2)
(1)
(4)
(6)
(5)
Tr2
Tr1
(3)
(2)
(1)
(4)
(6)
(5)
Tr2
Tr1
The following characteristics apply to both Tr1 and Tr2.
!
!
!
!
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
VCBO
60
V
50
V
V
VCEO
VEBO
7
IC
mA
150
Tj
150
˚C
Tstg
−55∼+150
˚C
PC
EMX1, UMX1N
150 (TOTAL)
mW
IMX1
300 (TOTAL)
1
2
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Power
dissipation
1 120mW per element must not be exceeded.
2 200mW per element must not be exceeded.
!
!
!
!
External dimensions (Units : mm)
ROHM : EMT6
EMX1
ROHM : UMT6
EIAJ : SC-88
UMX1N
Abbreviated symbol : X1
Abbreviated symbol : X1
Abbreviated symbol : X1
ROHM : SMT6
EIAJ : SC-74
IMX1
Each lead has same dimensions
Each lead has same dimensions
Each lead has same dimensions
0.1Min.
2.1
1.25
0.3to0.6
2.8
1.6
1.2
1.6
(1)
(2)
(5)
(3)
(6)
(4)


Similar Part No. - IMX1T110

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX1 ROHM-IMX1 Datasheet
91Kb / 4P
   General purpose transistors (dual transistors)
IMX1 ROHM-IMX1 Datasheet
93Kb / 4P
   General purpose transistors (dual transistors)
logo
Power Integrations, Inc...
IMX101J POWERINT-IMX101J Datasheet
1Mb / 22P
   2 Constant Voltage and 4 Channel Dimming LED Backlight CC Controller
November 2020
IMX101U POWERINT-IMX101U Datasheet
1Mb / 22P
   2 Constant Voltage and 4 Channel Dimming LED Backlight CC Controller
November 2020
IMX101U-TL POWERINT-IMX101U-TL Datasheet
1Mb / 22P
   2 Constant Voltage and 4 Channel Dimming LED Backlight CC Controller
November 2020
More results

Similar Description - IMX1T110

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com