Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU5N50 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQU5N50
Description  500V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU5N50 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQU5N50 Datasheet HTML 1Page - Fairchild Semiconductor FQU5N50 Datasheet HTML 2Page - Fairchild Semiconductor FQU5N50 Datasheet HTML 3Page - Fairchild Semiconductor FQU5N50 Datasheet HTML 4Page - Fairchild Semiconductor FQU5N50 Datasheet HTML 5Page - Fairchild Semiconductor FQU5N50 Datasheet HTML 6Page - Fairchild Semiconductor FQU5N50 Datasheet HTML 7Page - Fairchild Semiconductor FQU5N50 Datasheet HTML 8Page - Fairchild Semiconductor FQU5N50 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)#*+,-.-Ω, / 
+,0..,0µ - 1-/ 
"  !"  ..µ 2%(%(  3
4 %   5   # 


 





A)
 A<) 
)+()3+5&(µ'
&((


)
∆A)
4∆
A<) 
 
3+5&(µ'* 5&6

( 8B

)46
3
C9) 
)+&(())+()


,
µ'
)+8(()+,5&6


,(
µ'
3
9A/<
)+%())+()


,((
'
3
9A/<*!
)+%())+()


,((
'
 
)
9 ) 
)+)3+5&(µ'
% (

& (
)
*
  
* 
)+,()3+, B&'

, %D
, -

   
)+&()3+, B&'

% D


 

3  
)+5&))+()
+, (E#


8B(
D,(


  

B&
F&


*!  

- &
,,

   

 
)+5&()3+8 &'
*+5&Ω


,%
%&


*

&&
,5(


 

5&
D(


 

%&
-(

G
 9
)+8(()3+8 &'
)+,()


,%
,B

G
9 

% 8


G
9

D 8


     
3
@ 


% &
'
3
@7  


,8
'
)
 ) 
)+()3+% &'


, 8
)

*!* !
)+()3+8 &'
34+,(('4µ

5,&


G
*!* !

, 5D

µ


Similar Part No. - FQU5N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQU5N50 ISC-FQU5N50 Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQU5N50C FAIRCHILD-FQU5N50C Datasheet
628Kb / 9P
   500V N-Channel MOSFET
FQU5N50C FAIRCHILD-FQU5N50C Datasheet
669Kb / 9P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQU5N50C ISC-FQU5N50C Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQU5N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com