Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1005F754CS Datasheet(PDF) 3 Page - Samsung semiconductor

Part # RC1005F754CS
Description  Thick Film General Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC1005F754CS Datasheet(HTML) 3 Page - Samsung semiconductor

  RC1005F754CS Datasheet HTML 1Page - Samsung semiconductor RC1005F754CS Datasheet HTML 2Page - Samsung semiconductor RC1005F754CS Datasheet HTML 3Page - Samsung semiconductor RC1005F754CS Datasheet HTML 4Page - Samsung semiconductor RC1005F754CS Datasheet HTML 5Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Thick Film Chip Resistors (RC General)
■ Applications and Ratings
TYPE
Power Rating
at 70℃
(W)
Max Working
Voltage
(V)
Max Overload
Voltage
(W)
Resistance
Range
(Ω)
T.C.R
(ppm/℃)
Working
Temperature
(℃)
1005 (0402)
1/16
50
100
1 ~ 10M
1~99Ω:+300 -200
-55 ~ 155
1608 (0603)
1/10
50
100
1 ~ 10M
-55 ~ 155
2012 (0805)
1/8
150
300
1 ~ 10M
-55 ~ 155
1~9.9Ω :+300,-200
10Ω ~ 1㏁ : ±100
1.1㏁~10㏁ : ±300
3216 (1206)
1/4
200
400
1 ~ 10M
-55 ~ 155
3225 (1210)
1/3
200
400
1 ~ 10M
-55 ~ 155
5025 (2010)
2/3
200
400
1 ~ 10M
-55 ~ 155
6432 (2512)
1
200
400
1 ~ 10M
-55 ~ 155
■ Power Derating Curve
■ Jumper Ratings
Type
Rated
Current (A)
Max Overload
Current (A)
1005, 1608
1
2
2012, 3216, 3225,
2
4
100
80
60
■ Rated Voltage
5025, 6432
2
4
40
20
0
E
=
E : Rated Voltage (V)
P:Rated Power (W)
R : Resistance Value (Ω)
‐60
‐40     ‐20        0       20      40       60      80     100    120     140   150    160
‐55
Ambient Temperature(℃)
0
155
70
Ver. 2012.11


Similar Part No. - RC1005F754CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC1005F100AS ETC1-RC1005F100AS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1005F100BS ETC1-RC1005F100BS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1005F100CS ETC1-RC1005F100CS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC1005F100ES ETC1-RC1005F100ES Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
logo
Samsung semiconductor
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
More results

Similar Description - RC1005F754CS

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
RC1005F10R0CS SAMSUNG-RC1005F10R0CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC1005F4320CS SAMSUNG-RC1005F4320CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F6651CS SAMSUNG-RC2012F6651CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F49R9CS SAMSUNG-RC2012F49R9CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F1002CS SAMSUNG-RC2012F1002CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F3300CS SAMSUNG-RC2012F3300CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC2012F1801CS SAMSUNG-RC2012F1801CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
RC1005F681CS SAMSUNG-RC1005F681CS Datasheet
178Kb / 5P
   Thick Film General Chip Resistors
logo
List of Unclassifed Man...
WR06X1001FTL ETC2-WR06X1001FTL Datasheet
242Kb / 10P
   Thick Film General Purpose Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WR01X WALSIN-WR01X Datasheet
439Kb / 8P
   Thick Film General Purpose chip resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com