Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2012J182CS Datasheet(PDF) 2 Page - Samsung semiconductor

Part # RC2012J182CS
Description  General Purpose
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012J182CS Datasheet(HTML) 2 Page - Samsung semiconductor

  RC2012J182CS Datasheet HTML 1Page - Samsung semiconductor RC2012J182CS Datasheet HTML 2Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
9
1
Ω≤R〈10Ω
+300/-200ppm
10
Ω≤R≤1MΩ
±100ppm
(0603:
±250ppm)
1M
R≤10MΩ
±300ppm
1
Ω~1MΩ 1Ω~10MΩ 1Ω~10MΩ
-55
℃~+125℃
-55
℃~+155℃
-55
℃~+125℃
70
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
Type
1/20
1/16
1/10
1/8
1/4
1/3
2/3
1
Power
Rating
(W)
25(V)
50(V)
150(V)
200(V)
Working
Voltage
(MAX)
50(V)
100(V)
300(V)
400(V)
Overload
Voltage
(MAX)
TCR (ppm/
℃) G(±2%)
E-48
Resistance Range (
Ω)
J(
±5%)
E-24
K(
±10%)
E-12
Rated
Ambient
Temperature
Rated
Working
Temperature
•Rated voltage (V) =
Rated voltage should be lower than (MAX) working voltage.
Rated power(W)×Normal resistance value (R)
The rated power is the maximum continuous loading power at 70
℃ ambient temperature.
For ambient temperature above 70
℃, the loading power follows the below power derating curve.
(The load current shall be derated according to derating curve in case of the 'Jumper')
Specification
Power Derating Curve
100
80
60
40
20
0
Operation area
-55
-40
0
40
80
120
Ambient Temperature(
℃)
Ambient Temperature(
℃)
70
125
Operation area
<1608, 2012, 3216>
<0603, 1005, 3225, 5025, 6432>
-55
-30
0
30
60
90
120
150
70
155
100
80
60
40
20
0
-55
℃~+125℃
RC0603
RC1005
RC1608
RC2012
RC3216
RC3225
RC5025
RC6432
Type
50m
Max.
Resistance
0.5(A)
1.0(A)
2.0(A)
Current
Rating
70
Rated
Ambient
Temperature
Rated
Working
Temperature
- Left 2 digits represent significant figures.
- Last 1 digit represent exponential number of 10.
- Example: 103
Left 2 digits: 10
Last 1 digit: 3
103 = 10
×103
= 10000
Ω=10kΩ
Jumper chip is printed as 000
Resistance below 10Ω is expressed using“R”
ex) 7R5=7.5
0603, 1005 type: No marking.
3 digits indication
(E-24 series)
1
10
03
3
Jumper Resistors
Marking
Design and Specifications are subject to change without prior notice.
Please ask the manufacturer for technical Specifications before you order and/or use.
Operation
Notes
Example of Land
Pattern Design
Recommended
Soldering Conditions
General
Purpose
Precision
Low Ohms
Array
Standard
Resistance Value
Packaging
Characteristics
Performance
Attenuator


Similar Part No. - RC2012J182CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC2012J100AS ETC1-RC2012J100AS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC2012J100BS ETC1-RC2012J100BS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC2012J100CS ETC1-RC2012J100CS Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
RC2012J100ES ETC1-RC2012J100ES Datasheet
167Kb / 12P
   THICK FILM CHIP RESISTORS
More results

Similar Description - RC2012J182CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
   Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
PREMO CORPORATION S.L
FB-1X PREMO-FB-1X Datasheet
122Kb / 1P
   General Purpose
FE-1X PREMO-FE-1X Datasheet
127Kb / 1P
   General Purpose
FR-FRR PREMO-FR-FRR Datasheet
153Kb / 1P
   General Purpose
FEH-1X PREMO-FEH-1X Datasheet
147Kb / 1P
   General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
   General purpose
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
   General Purpose
logo
Skynet Electronic Copyr...
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
   General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
   General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
   General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
   General Purpose
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com