Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C261-20WC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C261-20WC
Description  8K x 8 Power-Switched and Reprogrammable PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C261-20WC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C261-20WC Datasheet HTML 4Page - Cypress Semiconductor CY7C261-20WC Datasheet HTML 5Page - Cypress Semiconductor CY7C261-20WC Datasheet HTML 6Page - Cypress Semiconductor CY7C261-20WC Datasheet HTML 7Page - Cypress Semiconductor CY7C261-20WC Datasheet HTML 8Page - Cypress Semiconductor CY7C261-20WC Datasheet HTML 9Page - Cypress Semiconductor CY7C261-20WC Datasheet HTML 10Page - Cypress Semiconductor CY7C261-20WC Datasheet HTML 11Page - Cypress Semiconductor CY7C261-20WC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CY7C261
CY7C263/CY7C264
Document #: 38-04010 Rev. **
Page 8 of 16
]
Ordering Information[8]
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
20
CY7C261-20JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C261-20PC
P13
24-Lead (300-Mil) Molded DIP
CY7C261-20WC
W14
24-Lead (300-Mil) Windowed CerDIP
25
CY7C261-25JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C261-25PC
P13
24-Lead (300-Mil) Molded DIP
CY7C261-25WC
W14
24-Lead (300-Mil) Windowed CerDIP
CY7C261-25DMB
D14
24-Lead (300-Mil) CerDIP
Military
CY7C261-25LMB
L64
28-Square Leadless Chip Carrier
CY7C261-25QMB
Q64
28-Pin Windowed Leadless Chip Carrier
CY7C261-25TMB
T73
24-Lead Windowed Cerpack
CY7C261-25WMB
W14
24-Lead (300-Mil) Windowed CerDIP
35
CY7C261-35JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C261-35PC
P13
24-Lead (300-Mil) Molded DIP
CY7C261-35WC
W14
24-Lead (300-Mil) Windowed CerDIP
CY7C261-35DMB
D14
24-Lead (300-Mil) CerDIP
Military
CY7C261-35LMB
L64
28-Square Leadless Chip Carrier
CY7C261-35QMB
Q64
28-Pin Windowed Leadless Chip Carrier
CY7C261-35TMB
T73
24-Lead Windowed Cerpack
CY7C261-35WMB
W14
24-Lead (300-Mil) Windowed CerDIP
45
CY7C261-45JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C261-45PC
P13
24-Lead (300-Mil) Molded DIP
CY7C261-45WC
W14
24-Lead (300-Mil) Windowed CerDIP
CY7C261-45DMB
D14
24-Lead (300-Mil) CerDIP
Military
CY7C261-45LMB
L64
28-Square Leadless Chip Carrier
CY7C261-45QMB
Q64
28-Pin Windowed Leadless Chip Carrier
CY7C261-45TMB
T73
24-Lead Windowed Cerpack
CY7C261-45WMB
W14
24-Lead (300-Mil) Windowed CerDIP
55
CY7C261-55JC
J64
28-Lead Plastic Leaded Chip Carrier
Commercial
CY7C261-55PC
P13
24-Lead (300-Mil) Molded DIP
CY7C261-55WC
W14
24-Lead (300-Mil) Windowed CerDIP
CY7C261-55DMB
D14
24-Lead (300-Mil) CerDIP
Military
CY7C261-55LMB
L64
28-Square Leadless Chip Carrier
CY7C261-55QMB
Q64
28-Pin Windowed Leadless Chip Carrier
CY7C261-55TMB
T73
24-Lead Windowed Cerpack
CY7C261-55WMB
W14
24-Lead (300-Mil) Windowed CerDIP
Note:
8.
Most of these products are available in industrial temperature range. Contact a Cypress representative for specifications and product availability.


Similar Part No. - CY7C261-20WC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261-20WC CYPRESS-CY7C261-20WC Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261-20WC CYPRESS-CY7C261-20WC Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C261-20WC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com