Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C63723-SC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C63723-SC
Description  enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63723-SC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C63723-SC Datasheet HTML 5Page - Cypress Semiconductor CY7C63723-SC Datasheet HTML 6Page - Cypress Semiconductor CY7C63723-SC Datasheet HTML 7Page - Cypress Semiconductor CY7C63723-SC Datasheet HTML 8Page - Cypress Semiconductor CY7C63723-SC Datasheet HTML 9Page - Cypress Semiconductor CY7C63723-SC Datasheet HTML 10Page - Cypress Semiconductor CY7C63723-SC Datasheet HTML 11Page - Cypress Semiconductor CY7C63723-SC Datasheet HTML 12Page - Cypress Semiconductor CY7C63723-SC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
CY7C63722
CY7C63723
CY7C63743
FOR
FOR
Document #: 38-08022 Rev. *B
Page 9 of 49
USB Device Address
0x10
R/W
USB Device Address register
14-1
EP0 Counter Register
0x11
R/W
USB Endpoint 0 counter register
14-4
EP0 Mode Register
0x12
R/W
USB Endpoint 0 configuration register
14-2
EP1 Counter Register
0x13
R/W
USB Endpoint 1 counter register
14-4
EP1 Mode Register
0x14
R/W
USB Endpoint 1 configuration register
14-3
EP2 Counter Register
0x15
R/W
USB Endpoint 2 counter register
14-4
EP2 Mode Register
0x16
R/W
USB Endpoint 2 configuration register
14-3
USB Status & Control
0x1F
R/W
USB status and control register
13-1
Global Interrupt Enable
0x20
R/W
Global interrupt enable register
21-1
Endpoint Interrupt Enable
0x21
R/W
USB endpoint interrupt enables
21-2
Timer (LSB)
0x24
R
Lower 8 bits of free-running timer (1 MHz)
18-1
Timer (MSB)
0x25
R
Upper 4 bits of free-running timer
18-2
WDR Clear
0x26
W
Watchdog Reset clear
-
Capture Timer A Rising
0x40
R
Rising edge Capture Timer A data register
19-2
Capture Timer A Falling
0x41
R
Falling edge Capture Timer A data register
19-3
Capture Timer B Rising
0x42
R
Rising edge Capture Timer B data register
19-4
Capture Timer B Falling
0x43
R
Falling edge Capture Timer B data register
19-5
Capture TImer Configuration
0x44
R/W
Capture Timer configuration register
19-7
Capture Timer Status
0x45
R
Capture Timer status register
19-6
SPI Data
0x60
R/W
SPI read and write data register
17-2
SPI Control
0x61
R/W
SPI status and control register
17-3
Clock Configuration
0xF8
R/W
Internal / External Clock configuration register
9-2
Processor Status & Control
0xFF
R/W
Processor status and control
20-1
Table 8-1. I/O Register Summary (continued)
Register Name
I/O Address
Read/Write
Function
Fig.


Similar Part No. - CY7C63723-SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63723-SC CYPRESS-CY7C63723-SC Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
More results

Similar Description - CY7C63723-SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com