Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C63743-QXC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C63743-QXC
Description  enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63743-QXC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C63743-QXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 9Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 10Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 11Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 12Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 13Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 14Page - Cypress Semiconductor CY7C63743-QXC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
CY7C63722
CY7C63723
CY7C63743
FOR
FOR
Document #: 38-08022 Rev. *B
Page 11 of 49
before the part executes code. See Section 10.1 for more
details.
1 = Disables the LVR circuit.
0 = Enables the LVR circuit.
Bit 2: Precision USB Clocking Enable
The Precision USB Clocking Enable only affects operation
in internal oscillator mode. In that mode, this bit must be
set to 1 to cause the internal clock to automatically pre-
cisely tune to USB timing requirements (6 MHz ±1.5%).
The frequency may have a looser initial tolerance at pow-
er-up, but all USB transmissions from the chip will meet the
USB specification.
1 = Enabled. The internal clock accuracy is 6 MHz ±1.5%
after USB traffic is received.
0 = Disabled. The internal clock accuracy is 6 MHz ±5%.
Bit 1: Internal Clock Output Disable
The Internal Clock Output Disable is used to keep the inter-
nal clock from driving out to the XTALOUT pin. This bit has
no effect in the external oscillator mode.
1 = Disable internal clock output. XTALOUT pin will drive
HIGH.
0 = Enable the internal clock output. The internal clock is
driven out to the XTALOUT pin.
Bit 0: External Oscillator Enable
At power-up, the chip operates from the internal clock by
default. Setting the External Oscillator Enable bit HIGH dis-
ables the internal clock, and halts the part while the external
resonator/crystal oscillator is started. Clearing this bit has
no immediate effect, although the state of this bit is used
when waking out of suspend mode to select between inter-
nal and external clock. In internal clock mode, XTALIN pin
will be configured as an input with a weak pull-down and
can be used as a GPIO input (P2.1).
1 = Enable the external oscillator. The clock is switched to
external clock mode, as described in Section 9.1.
0 = Enable the internal oscillator.
9.1
Internal/External Oscillator Operation
The internal oscillator provides an operating clock, factory set
to a nominal frequency of 6 MHz. This clock requires no
external components. At power-up, the chip operates from the
internal clock. In this mode, the internal clock is buffered and
driven to the XTALOUT pin by default, and the state of the
XTALIN pin can be read at Port 2.1. While the internal clock is
enabled, its output can be disabled at the XTALOUT pin by
setting the Internal Clock Output Disable bit of the Clock
Configuration Register.
Setting the External Oscillator Enable bit of the Clock Config-
uration Register HIGH disables the internal clock, and halts
the part while the external resonator/crystal oscillator is
started. The steps involved in switching from Internal to
External Clock mode are as follows:
1. At reset, chip begins operation using the internal clock.
2. Firmware sets Bit 0 of the Clock Configuration Register. For
example,
mov A, 1h
; Set Bit 0 HIGH (External Oscil-
lator Enable bit). Bit 7 cleared
gives faster start-up
iowr F8h
; Write to Clock Configuration
Register
3. Internal clocking is halted, the internal oscillator is disabled,
and the external clock oscillator is enabled.
4. After the external clock becomes stable, chip clocks are
re-enabled using the external clock signal. (Note that the
time for the external clock to become stable depends on the
external resonating device; see next section.)
5. After an additional delay the CPU is released to run. This
delay depends on the state of the Ext. Clock Resume Delay
bit of the Clock Configuration Register. The time is 128
µs
if the bit is 0, or 4 ms if the bit is 1.
6. Once the chip has been set to external oscillator, it can only
return to internal clock when waking from suspend mode.
Clearing bit 0 of the Clock Configuration Register will not
re-enable internal clock mode until suspend mode is
entered. See Section 11.0 for more details on suspend
mode operation.
If the Internal Clock is enabled, the XTALIN pin can serve as
a general purpose input, and its state can be read at Port 2,
Bit 1 (P2.1). Refer to Figure 12-8 for the Port 2 Data Register.
In this mode, there is a weak pull-down at the XTALIN pin. This
input cannot provide an interrupt source to the CPU.
9.2
External Oscillator
The user can connect a low-cost ceramic resonator or an
external oscillator to the XTALIN/XTALOUT pins to provide a
precise reference frequency for the chip clock, as shown in
Figure 9-1. The external components required are a ceramic
resonator or crystal and any associated capacitors. To run
from the external resonator, the External Oscillator Enable bit
of the Clock Configuration Register must be set to 1, as
explained in the previous section.
Start-up times for the external oscillator depend on the
resonating device. Ceramic resonator based oscillators
typically start in less than 100
µs, while crystal based oscil-
lators take longer, typically 1 to 10 ms. Board capacitance
should be minimized on the XTALIN and XTALOUT pins by
keeping the traces as short as possible.
An external 6-MHz clock can be applied to the XTALIN pin if
the XTALOUT pin is left open.
10.0
Reset
The USB Controller supports three types of resets. The effects
of the reset are listed below. The reset types are:
1. Low-voltage Reset (LVR)
2. Brown Out Reset (BOR)
3. Watchdog Reset (WDR)
The occurrence of a reset is recorded in the Processor Status
and Control Register (Figure 20-1). Bits 4 (Low-voltage or
Brown-out Reset bit) and 6 (Watchdog Reset bit) are used to
record the occurrence of LVR/BOR and WDR respectively.
The firmware can interrogate these bits to determine the cause
of a reset.


Similar Part No. - CY7C63743-QXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63743-PC CYPRESS-CY7C63743-PC Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63743-SC CYPRESS-CY7C63743-SC Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
More results

Similar Description - CY7C63743-QXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com