Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62256LL-70SNXCT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY62256LL-70SNXCT
Description  256K (32K x 8) Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62256LL-70SNXCT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY62256LL-70SNXCT Datasheet HTML 1Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 2Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 3Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 4Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 5Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 6Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 7Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 8Page - Cypress Semiconductor CY62256LL-70SNXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY62256
Document #: 38-05248 Rev. *E
Page 2 of 13
Pin Configurations
Product Portfolio
Product
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating, ICC
(mA)
Standby, ISB2
(
µA)
Min.
Typ.[2]
Max.
Typ.[2]
Max.
Typ.[2]
Max.
CY62256
Commercial
4.5
5.0
5.5
70
28
55
1
5
CY62256L
Com’l / Ind’l
55/70
25
50
2
50
CY62256LL
Commercial
70
25
50
0.1
5
CY62256LL
Industrial
55/70
25
50
0.1
10
CY62256LL
Automotive
55
25
50
0.1
15
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
Narrow SOIC
12
13
25
28
27
26
GND
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O7
I/O6
I/O5
I/O4
A14
A5
I/O0
I/O1
I/O2
CE
OE
A0
I/O3
22
23
24
25
26
27
28
1
2
5
10
11
15
14
13
12
16
19
18
17
3
4
20
21
7
6
8
9
OE
A1
A2
A3
A4
WE
VCC
A5
A6
A7
A8
A9
A0
CE
I/O7
I/O6
I/O5
GND
I/O2
I/O1
I/O4
I/O0
A14
A10
A11
A13
A12
I/O3
TSOP I
Top View
(not to scale)
Reverse Pinout
22
23
24
25
26
27
28
1
2
5
10
11
15
14
13
12
16
19
18
17
3
4
20
21
7
6
8
9
OE
A1
A2
A3
A4
WE
VCC
A5
A6
A7
A8
A9
A0
CE
I/O7
I/O6
I/O5
GND
I/O2
I/O1
I/O4
I/O0
A14
A10
A11
A13
A12
I/O3
TSOP I
Top View
(not to scale)
1
2
3
4
5
6
7
8
9
10
11
14
15
16
20
19
18
17
21
24
23
22
Top View
DIP
12
13
25
28
27
26
GND
A6
A7
A8
A9
A10
A11
A12
A13
WE
VCC
A4
A3
A2
A1
I/O7
I/O6
I/O5
I/O4
A14
A5
I/O0
I/O1
I/O2
CE
OE
A0
I/O3
Pin Definitions
Pin Number
Type
Description
1–10, 21, 23–26
Input
A0–A14. Address Inputs
11–13, 15–19,
Input/Output
I/O0–/O7. Data lines. Used as input or output lines depending on operation
27
Input/Control
WE. When selected LOW, a WRITE is conducted. When selected HIGH, a READ is
conducted
20
Input/Control
CE. When LOW, selects the chip. When HIGH, deselects the chip
22
Input/Control
OE. Output Enable. Controls the direction of the I/O pins. When LOW, the I/O pins
behave as outputs. When deasserted HIGH, I/O pins are three-stated, and act as input
data pins
14
Ground
GND. Ground for the device
28
Power Supply VCC. Power supply for the device
Note:
2. Typical specifications are the mean values measured over a large sample size across normal production process variations and are taken at nominal conditions
(TA = 25°C, VCC). Parameters are guaranteed by design and characterization, and not 100% tested.


Similar Part No. - CY62256LL-70SNXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62256LL-70SNXC CYPRESS-CY62256LL-70SNXC Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results

Similar Description - CY62256LL-70SNXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY7C199D CYPRESS-CY7C199D_09 Datasheet
374Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com