Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSM100GAL120DLCK Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSM100GAL120DLCK
Description  IGBT-modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSM100GAL120DLCK Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSM100GAL120DLCK Datasheet HTML 1Page - Infineon Technologies AG BSM100GAL120DLCK Datasheet HTML 2Page - Infineon Technologies AG BSM100GAL120DLCK Datasheet HTML 3Page - Infineon Technologies AG BSM100GAL120DLCK Datasheet HTML 4Page - Infineon Technologies AG BSM100GAL120DLCK Datasheet HTML 5Page - Infineon Technologies AG BSM100GAL120DLCK Datasheet HTML 6Page - Infineon Technologies AG BSM100GAL120DLCK Datasheet HTML 7Page - Infineon Technologies AG BSM100GAL120DLCK Datasheet HTML 8Page - Infineon Technologies AG BSM100GAL120DLCK Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Technische Information / technical information
BSM100GAL120DLCK
IGBT-Module
IGBT-modules
!
Diode-Brems-Chopper / Diode-brake-chopper
Höchstzulässige Werte / maximum rated values
$
8
%&' ( )*+
,::;
0
,
1
#
1+
=
3f
0)
7
$
8
#
=!
g ( 0 #
3f:;
7
<
8
3h
,: (
,2 9 ( 0 # 2 %&' ( 0 )*+
3h
G
7h
Charakteristische Werte / characteristic values
# !
!
# C!
1
=
3f ( 0) 72 ,@. (
,
3f ( 0) 72 ,@. (
,
,f
02
02
2
,
,
%&' ( )*+
%&' ( 0 )*+
MS
#
8
3f ( 0) 72
fB
( 0
7BL V%&'(0 )*+X
,: ( H
,
,@. ( 0) ,
3:;
0
7
7
%&' ( )*+
%&' ( 0 )*+
$
8U
3f ( 0) 72
fB
( 0
7BL V%&'(0 )*+X
,: ( H
,
,@. ( 0) ,
KT
0 2
2
L+
L+
%&' ( )*+
%&' ( 0 )*+
7
3f ( 0) 72
fB
( 0
7BL V%&'(0 )*+X
,: ( H
,
,@. ( 0) ,
"TQi
G2
0 2
#\
#\
%&' ( )*+
%&' ( 0 )*+
3
?D # =
#
2 `
1
B
M>Ja-
2 )
B?
b
?D # =
#
2
1
B
c9FE>Q ( 0 ?BV#_ X BcdTQFEQ ( 0 ?BV#_ X
M>J-e
20
B?
Reverse-Diode / reverse-diode
Höchstzulässige Werte / maximum rated values
$
8
%&' ( )*+
,::;
0
,
1
#
1+
=
3f
0
7
$
8
#
=!
g ( 0 #
3f:;
7
<
8
3h
,: (
,2 9 ( 0 # 2 %&' ( 0 )*+
3h
0
7h
Charakteristische Werte / characteristic values
# !
!
# C!
1
=
3f ( 0
72 ,@. (
,
3f ( 0
72 ,@. (
,
,f
02
02
2
,
%&' ( )*+
%&' ( 0 )*+
3
?D # =
#
2 `
1
M>Ja-
2
B?
b
?D # =
#
2
1
B
c9FE>Q ( 0 ?BV#_ X BcdTQFEQ ( 0 ?BV#_ X
M>J-e
2 0
B?


Similar Part No. - BSM100GAL120DLCK

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM100GAL120DN2 SIEMENS-BSM100GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
More results

Similar Description - BSM100GAL120DLCK

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM15GP120 EUPEC-BSM15GP120 Datasheet
199Kb / 11P
   IGBT-Modules
logo
IXYS Corporation
L426 IXYS-L426 Datasheet
128Kb / 4P
   IGBT Modules
MWI100-12E8 IXYS-MWI100-12E8 Datasheet
71Kb / 2P
   IGBT Modules
logo
Semikron International
SKM25GAH125D SEMIKRON-SKM25GAH125D Datasheet
166Kb / 5P
   IGBT Modules
SKM200GAL173D SEMIKRON-SKM200GAL173D Datasheet
725Kb / 6P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D_08 Datasheet
725Kb / 6P
   IGBT Modules
SKIM300GD126D SEMIKRON-SKIM300GD126D Datasheet
1Mb / 4P
   IGBT Modules
SKM22GD123D SEMIKRON-SKM22GD123D_09 Datasheet
635Kb / 6P
   IGBT modules
SKM100GB173D SEMIKRON-SKM100GB173D Datasheet
563Kb / 4P
   IGBT Modules
SKM145GB123D SEMIKRON-SKM145GB123D Datasheet
599Kb / 4P
   IGBT Modules
SKM200GB173D SEMIKRON-SKM200GB173D Datasheet
704Kb / 4P
   IGBT Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com