Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3866LTI-030 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C3866LTI-030
Description  Programmable System-on-Chip (PSoC짰)
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3866LTI-030 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C3866LTI-030 Datasheet HTML 1Page - Cypress Semiconductor CY8C3866LTI-030 Datasheet HTML 2Page - Cypress Semiconductor CY8C3866LTI-030 Datasheet HTML 3Page - Cypress Semiconductor CY8C3866LTI-030 Datasheet HTML 4Page - Cypress Semiconductor CY8C3866LTI-030 Datasheet HTML 5Page - Cypress Semiconductor CY8C3866LTI-030 Datasheet HTML 6Page - Cypress Semiconductor CY8C3866LTI-030 Datasheet HTML 7Page - Cypress Semiconductor CY8C3866LTI-030 Datasheet HTML 8Page - Cypress Semiconductor CY8C3866LTI-030 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
PSoC® 3: CY8C38 Family
Data Sheet
Programmable System-on-Chip (PSoC®)
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-11729 Rev. *R
Revised March 30, 2011
General Description
With its unique array of configurable blocks, PSoC® 3 is a true system level solution providing microcontroller unit (MCU), memory,
analog, and digital peripheral functions in a single chip. The CY8C38 family offers a modern method of signal acquisition, signal
processing, and control with high accuracy, high bandwidth, and high flexibility. Analog capability spans the range from thermocouples
(near DC voltages) to ultrasonic signals. The CY8C38 family can handle dozens of data acquisition channels and analog inputs on
every general-purpose input/output (GPIO) pin. The CY8C38 family is also a high-performance configurable digital system with some
part numbers including interfaces such as USB, multimaster inter-integrated circuit (I2C), and controller area network (CAN). In
addition to communication interfaces, the CY8C38 family has an easy to configure logic array, flexible routing to all I/O pins, and a
high-performance single cycle 8051 microprocessor core. You can easily create system-level designs using a rich library of prebuilt
components and boolean primitives using PSoC Creator™, a hierarchical schematic design entry tool. The CY8C38 family provides
unparalleled opportunities for analog and digital bill of materials integration while easily accommodating last minute design changes
through simple firmware updates.
Features
Single cycle 8051 CPU
DC to 67 MHz operation
Multiply and divide instructions
Flash program memory, up to 64 KB, 100,000 write cycles,
20 years retention, and multiple security features
Up to 8-KB flash error correcting code (ECC) or configuration
storage
Up to 8 KB SRAM
Up to 2 KB electrically erasable programmable read-only
memory (EEPROM), 1 M cycles, and 20 years retention
24-channel direct memory access (DMA) with multilayer
AHB[1] bus access
• Programmable chained descriptors and priorities
• High bandwidth 32-bit transfer support
Low voltage, ultra low-power
Wide operating voltage range: 0.5 V to 5.5 V
High efficiency boost regulator from 0.5-V input through 1.8-V
to 5.0-V output
0.8 mA at 3 MHz, 1.2 mA at 6 MHz, and 6.6 mA at 48 MHz
Low-power modes including:
• 1-µA sleep mode with real time clock and low-voltage
detect (LVD) interrupt
• 200-nA hibernate mode with RAM retention
Versatile I/O system
28 to 72 I/O (62 GPIOs, eight special input/outputs (SIO),
two USBIOs[2])
Any GPIO to any digital or analog peripheral routability
LCD direct drive from any GPIO, up to 46 × 16 segments[2]
CapSense® support from any GPIO[3]
1.2-V to 5.5-V I/O interface voltages, up to four domains
Maskable, independent IRQ on any pin or port
Schmitt-trigger transistor-transistor logic (TTL) inputs
All GPIO configurable as open drain high/low,
pull-up/pull-down, High Z, or strong output
Configurable GPIO pin state at power-on reset (POR)
25 mA sink on SIO
Digital peripherals
20 to 24 programmable logic device (PLD) based universal
digital blocks (UDB)
Full CAN 2.0b 16 Rx, 8 Tx buffers[2]
Full-speed (FS) USB 2.0 12 Mbps using internal oscillator[2]
Up to four 16-bit configurable timer, counter, and PWM blocks
67 MHz, 24-bit fixed point digital filter block (DFB) to
implement FIR and IIR filters
Library of standard peripherals
• 8-, 16-, 24-, and 32-bit timers, counters, and PWMs
• Serial peripheral interface (SPI), universal asynchronous
transmitter receiver (UART), and I2C
• Many others available in catalog
Library of advanced peripherals
• Cyclic redundancy check (CRC)
• Pseudo random sequence (PRS) generator
• Local interconnect network (LIN) bus 2.0
• Quadrature decoder
Analog peripherals (1.71 V
≤ VDDA ≤ 5.5 V)
1.024 V ± 0.1% internal voltage reference across –40 °C to
+85 °C (14 ppm/°C)
Configurable delta-sigma ADC with 8- to 20-bit resolution
• Sample rates up to 192 ksps
• Programmable gain stage: ×0.25 to ×16
• 12-bit mode, 192 ksps, 66-dB signal to noise and distortion
ratio (SINAD), ±1-bit INL/DNL
• 16-bit mode, 48 ksps, 84-dB SINAD, ±2-bit INL, ±1-bit DNL
Up to four 8-bit, 8-Msps IDACs or 1-Msps VDACs
Four comparators with 95-ns response time
Up to four uncommitted opamps with 25-mA drive capability
Up to four configurable multifunction analog blocks. Example
configurations are programmable gain amplifier (PGA),
transimpedance amplifier (TIA), mixer, and sample and hold
CapSense support
Programming, debug, and trace
JTAG (4-wire), serial wire debug (SWD) (2-wire), and single
wire viewer (SWV) interfaces
Eight address and one data breakpoint
4-KB instruction trace buffer
Bootloader programming supportable through I2C, SPI,
UART, USB, and other interfaces
Precision, programmable clocking
3- to 62-MHz internal oscillator over full temperature and
voltage range
4- to 25-MHz crystal oscillator for crystal PPM accuracy
Internal PLL clock generation up to 67 MHz
32.768-kHz watch crystal oscillator
Low-power internal oscillator at 1, 33, and 100 kHz
Temperature and packaging
–40°C to +85 °C degrees industrial temperature
48-pin SSOP, 48-pin QFN, 68-pin QFN, and 100-pin TQFP
package options
Notes
1. AHB – AMBA (advanced microcontroller bus architecture) high-performance bus, an ARM data transfer bus
2. This feature on select devices only. See Ordering Information on page 116 for details.
3. GPIOs with opamp outputs are not recommended for use with CapSense.
[+] Feedback


Similar Part No. - CY8C3866LTI-030

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3866LTI-030 CYPRESS-CY8C3866LTI-030 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
CY8C3866LTI-030 CYPRESS-CY8C3866LTI-030 Datasheet
4Mb / 130P
   Programmable System-on-Chip (PSoC) Multiply and divide instructions
More results

Similar Description - CY8C3866LTI-030

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C24633 CYPRESS-CY8C24633_10 Datasheet
1Mb / 51P
   PSoC짰 Programmable System-on-Chip
CY8C21234 CYPRESS-CY8C21234_12 Datasheet
1Mb / 50P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_13 Datasheet
2Mb / 80P
   PSoC짰 Programmable System-on-Chip?
CY8C3244LTI-123T CYPRESS-CY8C3244LTI-123T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C5888LTQ-LP097 CYPRESS-CY8C5888LTQ-LP097 Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
PSOC4200DS CYPRESS-PSOC4200DS Datasheet
633Kb / 28P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3246LTI-149 CYPRESS-CY8C3246LTI-149 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C24633-24PVXIT CYPRESS-CY8C24633-24PVXIT Datasheet
738Kb / 52P
   PSoC짰 Programmable System-on-Chip
CY8C24994 CYPRESS-CY8C24994 Datasheet
1Mb / 46P
   PSoC짰 Programmable System-on-Chip?
PSOC4200D CYPRESS-PSOC4200D Datasheet
620Kb / 28P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com