Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB3300-EZK Datasheet(PDF) 11 Page - Microchip Technology

Part # USB3300-EZK
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3300-EZK Datasheet(HTML) 11 Page - Microchip Technology

Back Button USB3300-EZK Datasheet HTML 7Page - Microchip Technology USB3300-EZK Datasheet HTML 8Page - Microchip Technology USB3300-EZK Datasheet HTML 9Page - Microchip Technology USB3300-EZK Datasheet HTML 10Page - Microchip Technology USB3300-EZK Datasheet HTML 11Page - Microchip Technology USB3300-EZK Datasheet HTML 12Page - Microchip Technology USB3300-EZK Datasheet HTML 13Page - Microchip Technology USB3300-EZK Datasheet HTML 14Page - Microchip Technology USB3300-EZK Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
11
Revision 1.1 (01-24-13)
DATASHEET
Chapter 3 Pin Layout
The USB3300 is offered in a 32 pin QFN package (5 x 5 x 0.9mm). The pin definitions and locations
are documented below.
3.1
USB3300 Pin Diagram
The exposed flag of the QFN package must be connected to ground with a via array to the ground
plane. This is the main ground connection for the USB3300.
3.2
Pin Function
Figure 3.1 USB3300 Pin Diagram - Top View
Table 3.1 USB3300 Pin Definitions 32-Pin QFN Package
PIN
NAME
DIRECTION,
TYPE
ACTIVE
LEVEL
DESCRIPTION
1
GND
Ground
N/A
Ground
2
GND
Ground
N/A
Ground
3
CPEN
Output,
CMOS
High
External 5 volt supply enable. This pin is used to
enable the external Vbus power supply. The CPEN
pin is low on POR.
GND
GND
CPEN
VBUS
ID
VDD3.3
DM
DP
DATA0
DATA7
DATA5
DATA6
DATA2
DATA3
DATA4
DATA1
USB3300
Hi-Speed USB2
ULPI PHY
32 Pin QFN
1
2
3
4
5
6
7
8
USB3300
Hi-Speed USB
ULPI PHY
32 Pin QFN
GND FLAG
24
23
22
21
20
19
18
17


Similar Part No. - USB3300-EZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300-EZK SMSC-USB3300-EZK Datasheet
344Kb / 11P
   HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3300-EZK SMSC-USB3300-EZK Datasheet
719Kb / 49P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300-EZK SMSC-USB3300-EZK Datasheet
960Kb / 55P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
More results

Similar Description - USB3300-EZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3300 SMSC-USB3300_06 Datasheet
719Kb / 49P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
USB3300 SMSC-USB3300_07 Datasheet
960Kb / 55P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
logo
Microchip Technology
USB3300-EZK MICROCHIP-USB3300-EZK Datasheet
676Kb / 59P
   Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Revision 1.1 01-24-13
logo
SMSC Corporation
USB3300 SMSC-USB3300 Datasheet
344Kb / 11P
   HI SPEED USB HOST OR DEVICE PHY WITH ULPI LOW PIN INTERFACE
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
   Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
logo
Microchip Technology
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
   Hi-Speed USB Host, Device or OTG PHY
07/14/15
USB3300 MICROCHIP-USB3300 Datasheet
1Mb / 53P
   Hi-Speed USB Host, Device or OTG PHY
01/27/15
USB3450 MICROCHIP-USB3450 Datasheet
740Kb / 39P
   Hi-Speed USB Host or Device PHY With UTMI Interface
07/14/15
logo
SMSC Corporation
USB3450 SMSC-USB3450 Datasheet
1Mb / 40P
   HI-SPEED USB HOST OR DEVICE PHY WITH UTMIINTERFACE
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com