Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C263-25JC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C263-25JC
Description  8K x 8 Power-Switched and Reprogrammable PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C263-25JC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C263-25JC Datasheet HTML 1Page - Cypress Semiconductor CY7C263-25JC Datasheet HTML 2Page - Cypress Semiconductor CY7C263-25JC Datasheet HTML 3Page - Cypress Semiconductor CY7C263-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C263-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C263-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C263-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C263-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C263-25JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CY7C261
CY7C263/CY7C264
Document #: 38-04010 Rev. **
Page 5 of 16
Erasure Characteristics
Wavelengths of light less than 4000 angstroms begin to erase
the devices in the windowed package. For this reason, an
opaque label should be placed over the window if the PROM
is exposed to sunlight or fluorescent lighting for extended pe-
riods of time.
The recommended dose of ultraviolet light for erasure is a
wavelength of 2537 angstroms for a minimum dose (UV inten-
sity multiplied by exposure time) of 25 Wsec/cm2. For an ultra-
violet lamp with a 12 mW/cm2 power rating, the exposure time would
be approximately 35 minutes. The 7C261 or 7C263 needs to
be within 1 inch of the lamp during erasure. Permanent dam-
age may result if the PROM is exposed to high-intensity UV
light for an extended period of time. 7258 Wsec/cm2 is the
recommended maximum dosage.
Operating Modes
Read
Read is the normal operating mode for programmed device. In
this mode, all signals are normal TTL levels. The PROM is
addressed with a 13-bit field, a chip select, (active LOW), is
applied to the CS pin, and the contents of the addressed location
appear on the data out pins.
Program, Program Inhibit, Program Verify
These modes are entered by placing a high voltage VPP on pin
19, with pins 18 and 20 set to VILP. In this state, pin 21 becomes a
latch signal, allowing the upper 5 address bits to be latched into an
onboard register, pin 22 becomes an active LOW program (PGM)
signal and pin 23 becomes an active LOW verify (VFY) signal. Pins
22 and 23 should never be active LOW at the same time. The PRO-
GRAM mode exists when PGM is LOW, and VFY is HIGH. The verify
mode exists when the reverse is true, PGM HIGH and VFY LOW and
the program inhibit mode is entered with both PGM and VFY HIGH.
Program inhibit is specifically provided to allow data to be placed on
and removed from the data pins without conflict
Switching Waveforms[4]
tAA
VCC
SUPPLY
CURRENT
A0 -A12
ADDRESS
CS
tPU
O0 -O7
tHZCS
tACS
50%
50%
tPD
Table 1. Mode Selection
Pin Function[6, 7]
Read or Output Disable
A12
A11
A10
A9
A8
CS
O7–O0
Mode
Program
NA
VPP
LATCH
PGM
VFY
CS
D7–D0
Read
A12
A11
A10
A9
A8
VIL
O7–O0
Output Disable
A12
A11
A10
A9
A8
VIH
High Z
Program
VILP
VPP
VILP
VILP
VIHP
VILP
D7–D0
Program Inhibit
VILP
VPP
VILP
VIHP
VIHP
VILP
High Z
Program Verify
VILP
VPP
VILP
VIHP
VILP
VILP
O7–O0
Blank Check
VILP
VPP
VILP
VIHP
VILP
VILP
O7–O0
Notes:
6.
X = “don’t care” but not to exceed VCC ±5%.
7.
Addresses A8-A12 must be latched through lines A0-A4 in programming modes.


Similar Part No. - CY7C263-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C263-25JC CYPRESS-CY7C263-25JC Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C263-25JC CYPRESS-CY7C263-25JC Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C263-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com