Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDB6U85N16L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # DDB6U85N16L
Description  Rectifier Diode Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DDB6U85N16L Datasheet(HTML) 5 Page - Infineon Technologies AG

  DDB6U85N16L Datasheet HTML 1Page - Infineon Technologies AG DDB6U85N16L Datasheet HTML 2Page - Infineon Technologies AG DDB6U85N16L Datasheet HTML 3Page - Infineon Technologies AG DDB6U85N16L Datasheet HTML 4Page - Infineon Technologies AG DDB6U85N16L Datasheet HTML 5Page - Infineon Technologies AG DDB6U85N16L Datasheet HTML 6Page - Infineon Technologies AG DDB6U85N16L Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Technische Information / Technical Information
Netz-Dioden-Modul
Rectifier Diode Module
DD B6U 85 N 16 (ISOPACK)
NB6
Transienter innerer Wärmewiderstand je Zweig / Transient thermal impedance per arm ZthJC = f(t)
Parameter: Stromflußwinkel / Current conduction angle
Θ
BIP PPE4 rev. 2
24. Okt 05
Seite/page 5(6)
120° rect
DC
0,00
0,20
0,40
0,60
0,80
1,00
1,20
1,40
1,60
0,001
0,01
0,1
1
10
t [s]


Similar Part No. - DDB6U85N16L

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DDB6U85N16 EUPEC-DDB6U85N16 Datasheet
337Kb / 7P
   Netz-Dioden-Modul
More results

Similar Description - DDB6U85N16L

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
DD261N EUPEC-DD261N Datasheet
273Kb / 10P
   Rectifier Diode Module
DD260N EUPEC-DD260N Datasheet
240Kb / 10P
   Rectifier Diode Module
ND350N EUPEC-ND350N Datasheet
242Kb / 10P
   Rectifier Diode Module
DZ950N EUPEC-DZ950N Datasheet
232Kb / 10P
   Rectifier Diode Module
logo
New Jersey Semi-Conduct...
SKKE600 NJSEMI-SKKE600 Datasheet
305Kb / 3P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DD540N22K ISC-DD540N22K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DD104N EUPEC-DD104N Datasheet
239Kb / 10P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
ND260N12K ISC-ND260N12K Datasheet
340Kb / 2P
   Diode Rectifier Module
logo
eupec GmbH
DZ540N EUPEC-DZ540N Datasheet
274Kb / 10P
   Rectifier Diode Module
DZ1070N EUPEC-DZ1070N Datasheet
231Kb / 10P
   Rectifier Diode Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com