Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7N20 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQD7N20
Description  200V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N20 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQD7N20 Datasheet HTML 1Page - Fairchild Semiconductor FQD7N20 Datasheet HTML 2Page - Fairchild Semiconductor FQD7N20 Datasheet HTML 3Page - Fairchild Semiconductor FQD7N20 Datasheet HTML 4Page - Fairchild Semiconductor FQD7N20 Datasheet HTML 5Page - Fairchild Semiconductor FQD7N20 Datasheet HTML 6Page - Fairchild Semiconductor FQD7N20 Datasheet HTML 7Page - Fairchild Semiconductor FQD7N20 Datasheet HTML 8Page - Fairchild Semiconductor FQD7N20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./.Ω, 0 
,11-2//-2µ .3.0 
"  !"  //µ 4%(%(  5
6 %   7   # 


 





D+
 D?+ 
+-*+7-)'*µ%
)**


+
∆D+
$∆
D?+ 
 
7-)'*µ%, )'8

* )=

+$8
7
E;+ 
+-)**++-*+


1
µ%
+-1.*+-1)'8


1*
µ%
7
;D2?
+-(*++-*+


1**
%
7
;D2?,!
+-(*++-*+


1**
%
 
+
; + 
+-+7-)'*µ%
( *

' *
+
,
  
, 
+-1*+7-) .'%

* ''
* ./

   
+-9*+7-) .'%

( .


 

7  
+-)'++-*+
-1 *F#


(**
9**


  

.*
='


,!  

/
1)

   

 
+-1**+7-. .%
,-)'Ω


4
)'


,

.'
19*


 

1'
9*


 

('
4*

G
 ;
+-1.*+7-. .%
+-1*+


4 *
1*

G
; 

) 9


G
;

( (


     
7
C 


' (
%
7
C:  


)1
%
+
 + 
+-*+7-' (%


1 '
+

,!, !
+-*+7-. .%
7$-1**%$µ

11'


G
,!, !

* '1

µ


Similar Part No. - FQD7N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD7N20 FAIRCHILD-FQD7N20 Datasheet
808Kb / 9P
   200V N- Channel MOSFET
logo
Inchange Semiconductor ...
FQD7N20 ISC-FQD7N20 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L Datasheet
570Kb / 9P
   200V LOGIC N-Channel MOSFET
FQD7N20L FAIRCHILD-FQD7N20L Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
More results

Similar Description - FQD7N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com