Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC245 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74AC245
Description  Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC245 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC245 Datasheet HTML 1Page - Fairchild Semiconductor 74AC245 Datasheet HTML 2Page - Fairchild Semiconductor 74AC245 Datasheet HTML 3Page - Fairchild Semiconductor 74AC245 Datasheet HTML 4Page - Fairchild Semiconductor 74AC245 Datasheet HTML 5Page - Fairchild Semiconductor 74AC245 Datasheet HTML 6Page - Fairchild Semiconductor 74AC245 Datasheet HTML 7Page - Fairchild Semiconductor 74AC245 Datasheet HTML 8Page - Fairchild Semiconductor 74AC245 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC245, 74ACT245 Rev. 1.5.0
4
DC Electrical Characteristics for AC
Notes:
1. All outputs loaded; thresholds on input associated with output under test.
2. IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
3. Maximum test duration 2.0ms, one output loaded at a time.
Symbol
Parameter
VCC (V)
Conditions
TA = +25°CTA = −40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
2.1
2.1
V
4.5
2.25
3.15
3.15
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
0.9
0.9
V
4.5
2.25
1.35
1.35
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = –50µA
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
5.5
5.49
5.4
5.4
3.0
VIN = VIL or VIH,
IOH = –12mA
2.56
2.46
4.5
VIN = VIL or VIH,
IOH = –24mA
3.86
3.76
5.5
VIN = VIL or VIH,
IOH = –24mA
(1)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50µA
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
3.0
VIN = VIL or VIH,
IOL = 12mA
0.36
0.44
4.5
VIN = VIL or VIH,
IOL = 24mA
0.36
0.44
5.5
VIN = VIL or VIH,
IOL = 24mA
(1)
0.36
0.44
IIN
(2)
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOLD
Minimum Dynamic
Output Current(3)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
−75
mA
ICC
(2)
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA
IOZT
Maximum I/O
Leakage Current
5.5
VI (OE) = VIL, VIH;
VI = VCC, GND;
VO = VCC, GND
±0.3
±3.0
µA


Similar Part No. - 74AC245

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC245 STMICROELECTRONICS-74AC245 Datasheet
80Kb / 8P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS NON INVERTED
April 2001
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
STMicroelectronics
74AC245 STMICROELECTRONICS-74AC245 Datasheet
265Kb / 9P
   OCTAL BUS TRANSCEIVER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
ON Semiconductor
74AC245 ONSEMI-74AC245 Datasheet
112Kb / 10P
   Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
November, 2006 ??Rev. 7
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results

Similar Description - 74AC245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245_15 Datasheet
99Kb / 8P
   Octal Bidirectional Transceiver with 3-State Inputs/Outputs
February, 2015 ??Rev. 8
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com