Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD7N20L Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQD7N20L
Description  200V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7N20L Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQD7N20L Datasheet HTML 1Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 2Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 3Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 4Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 5Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 6Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 7Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 8Page - Fairchild Semiconductor FQD7N20L Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2000 Fairchild Semiconductor International
Rev. A2, December 2000
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-1
10
0
※ N o te s :
1 . Z
θ JC (t ) = 2 . 7 8
℃ /W M a x .
2 . D u ty F a c t o r , D = t
1 /t 2
3 . T
JM
- T
C
= P
DM
* Z
θ JC (t )
s in g le p u ls e
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 , S q u a r e
W a v e P u ls e D u r a tio n [s e c ]
25
50
75
100
125
150
0
1
2
3
4
5
6
T
C, Case Temperature [
℃]
10
0
10
1
10
2
10
-1
10
0
10
1
10
2
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C = 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS = 10 V
2. I
D = 3.25 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※ Notes :
1. V
GS = 0 V
2. I
D = 250
μA
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Similar Part No. - FQD7N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
FQD7N20LTM FAIRCHILD-FQD7N20LTM Datasheet
762Kb / 8P
   N-Channel QFET짰 MOSFET
logo
TECH PUBLIC Electronics...
FQD7N20LTM-TP TECHPUBLIC-FQD7N20LTM-TP Datasheet
2Mb / 5P
   200V N-Channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FQD7N20L FAIRCHILD-FQD7N20L_08 Datasheet
627Kb / 9P
   200V LOGIC N-Channel MOSFET
More results

Similar Description - FQD7N20L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N20L FAIRCHILD-FQD5N20L_08 Datasheet
624Kb / 9P
   200V LOGIC N-Channel MOSFET
FQB10N20L FAIRCHILD-FQB10N20L Datasheet
574Kb / 9P
   200V LOGIC N-Channel MOSFET
FQPF7N20L FAIRCHILD-FQPF7N20L Datasheet
547Kb / 8P
   200V LOGIC N-Channel MOSFET
FQT4N20L FAIRCHILD-FQT4N20L Datasheet
627Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP4N20L FAIRCHILD-FQP4N20L Datasheet
506Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB12N20L FAIRCHILD-FQB12N20L Datasheet
607Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP19N20L FAIRCHILD-FQP19N20L Datasheet
734Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQA19N20L FAIRCHILD-FQA19N20L Datasheet
742Kb / 8P
   200V LOGIC N-Channel MOSFET
FQB7N20L FAIRCHILD-FQB7N20L Datasheet
569Kb / 9P
   200V LOGIC N-Channel MOSFET
FQP12N20L FAIRCHILD-FQP12N20L Datasheet
567Kb / 8P
   200V LOGIC N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com