Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H11B1M Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # H11B1M
Description  General Purpose 6-Pin Photodarlington Optocoupler Portable electronics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11B1M Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button H11B1M Datasheet HTML 2Page - Fairchild Semiconductor H11B1M Datasheet HTML 3Page - Fairchild Semiconductor H11B1M Datasheet HTML 4Page - Fairchild Semiconductor H11B1M Datasheet HTML 5Page - Fairchild Semiconductor H11B1M Datasheet HTML 6Page - Fairchild Semiconductor H11B1M Datasheet HTML 7Page - Fairchild Semiconductor H11B1M Datasheet HTML 8Page - Fairchild Semiconductor H11B1M Datasheet HTML 9Page - Fairchild Semiconductor H11B1M Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
4NXXM, H11B1M, TIL113M Rev. 1.0.3
6
Typical Performance Curves (Continued)
Fig. 8 Normalized ton vs. RBE
RBE- BASE RESISTANCE (k Ω)
10
100
1000
10000
100000
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCC = 10 V
IC = 2 mA
RL = 100 Ω
Fig. 7 Switching Speed vs. Load Resistor
R-LOAD RESISTOR (k
Ω)
0.1
1
10
100
0.1
1
10
100
1000
Toff
IF = 10 mA
VCC = 10 V
TA = 25°C
Tr
Ton
Tf
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
VCC = 10 V
IC = 2 mA
RL = 100 Ω
10
100
1000
10000
100000
RBE- BASE RESISTANCE (k Ω)
Fig. 9 Normalized toff vs. RBE
Fig. 10 Dark Current vs. Ambient Temperature
TA - AMBIENT TEMPERATURE (°C)
020
40
6080
100
0.001
0.01
0.1
1
10
100
1000
10000
VCE = 10 V
TA = 25°C
OUTPUT PULSE
INPUT PULSE
TEST CIRCUIT
WAVE FORMS
tr
tf
INPUT
IF
RL
RBE
VCC = 10V
OUTPUT
ton
10%
90%
toff
Figure 11. Switching Time Test Circuit and Waveforms
IC
Adjust IF to produce IC = 2 mA


Similar Part No. - H11B1M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11B1M FAIRCHILD-H11B1M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1M FAIRCHILD-H11B1M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1M FAIRCHILD-H11B1M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1M FAIRCHILD-H11B1M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1M FAIRCHILD-H11B1M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
More results

Similar Description - H11B1M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
   General Purpose 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
   6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
logo
List of Unclassifed Man...
H11B1 ETC1-H11B1 Datasheet
473Kb / 12P
   6-PIN PHOTODARLINGTON OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com