Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLF7045T-3R3N Datasheet(PDF) 2 Page - TDK Electronics

Part # CLF7045T-3R3N
Description  Inductors for Power Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CLF7045T-3R3N Datasheet(HTML) 2 Page - TDK Electronics

  CLF7045T-3R3N Datasheet HTML 1Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 2Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 3Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 4Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 5Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 6Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 7Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 8Page - TDK Electronics CLF7045T-3R3N Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
(1/12)
INDUC
T
O
RS
001-01 / 20130614 / e531_clf.fm
REMINDERS FOR USING THESE PRODUCTS
Before using these products, be sure to request the delivery specifications.
SAFETY REMINDERS
Please pay sufficient attention to the warnings for safe designing when using these products.
The storage period is less than 6 months. Be sure to follow the storage conditions (Temperature: 5 to 30°C, Humidity: 10 to 75% RH or
less).
If the storage period elapses, the soldering of the terminal electrodes may deteriorate.
Do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.).
Before soldering, be sure to preheat components.
The preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature
does not exceed 150°C.
Soldering corrections after mounting should be within the range of the conditions determined in the specifications.
If overheated, a short circuit, performance deterioration, or lifespan shortening may occur.
When embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to
the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions.
Self heating (temperature increase) occurs when the power is turned ON, so the tolerance should be sufficient for the set thermal
design.
Carefully lay out the coil for the circuit board design of the non-magnetic shield type.
A malfunction may occur due to magnetic interference.
Use a wrist band to discharge static electricity in your body through the grounding wire.
Do not expose the products to magnets or magnetic fields.
Do not use for a purpose outside of the contents regulated in the delivery specifications.
The products listed on this catalog are intended for use in general electronic equipment (AV equipment, telecommunications
equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement
equipment, industrial robots) under a normal operation and use condition.
The products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or
quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to
society, person or property.
If you intend to use the products in the applications listed below or if you have special requirements exceeding the range or conditions
set forth in the each catalog, please contact us.
(1) Aerospace/Aviation equipment
(2) Transportation equipment (cars, electric trains, ships, etc.)
(3) Medical equipment
(4) Power-generation control equipment
(5) Atomic energy-related equipment
(6) Seabed equipment
(7) Transportation control equipment
(8) Public information-processing equipment
(9) Military equipment
(10) Electric heating apparatus, burning equipment
(11) Disaster prevention/crime prevention equipment
(12) Safety equipment
(13) Other applications that are not considered general-purpose
applications
When designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securing
protection circuit/device or providing backup circuits in your equipment.
REMINDERS


Similar Part No. - CLF7045T-3R3N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
179Kb / 13P
   Inductors for Power Circuits
CLF7045T-3R3N TDK-CLF7045T-3R3N Datasheet
166Kb / 9P
   Inductors for Power Circuits Wound Ferrite
CLF7045T-3R3N-D TDK-CLF7045T-3R3N-D Datasheet
165Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - CLF7045T-3R3N

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
SLF7032T-101MR45-2-PF TDK-SLF7032T-101MR45-2-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
VLP8040T-101M TDK-VLP8040T-101M Datasheet
169Kb / 13P
   Inductors for Power Circuits
SPM3012-LR TDK-SPM3012-LR Datasheet
130Kb / 9P
   Inductors for Power Circuits
CLF7045 TDK-CLF7045 Datasheet
132Kb / 5P
   Inductors for Power Circuits
VLCF4028T-471MR14-2 TDK-VLCF4028T-471MR14-2 Datasheet
158Kb / 10P
   Inductors for Power Circuits
CLF7045T-6R8N TDK-CLF7045T-6R8N Datasheet
179Kb / 13P
   Inductors for Power Circuits
SPM5020-LR TDK-SPM5020-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM5020T-4R7M-LR TDK-SPM5020T-4R7M-LR Datasheet
127Kb / 9P
   Inductors for Power Circuits
SPM3015-LR TDK-SPM3015-LR Datasheet
116Kb / 9P
   Inductors for Power Circuits
SLF7045T-101MR50-PF TDK-SLF7045T-101MR50-PF Datasheet
7Mb / 49P
   Inductors for Power Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com