Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

450-3268-01 Datasheet(PDF) 8 Page - CAMBION Electronic Components

Part # 450-3268-01
Description  SINGLE POLE SOCKETS - SOLDER MOUNT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

450-3268-01 Datasheet(HTML) 8 Page - CAMBION Electronic Components

Back Button 450-3268-01 Datasheet HTML 2Page - CAMBION Electronic Components 450-3268-01 Datasheet HTML 3Page - CAMBION Electronic Components 450-3268-01 Datasheet HTML 4Page - CAMBION Electronic Components 450-3268-01 Datasheet HTML 5Page - CAMBION Electronic Components 450-3268-01 Datasheet HTML 6Page - CAMBION Electronic Components 450-3268-01 Datasheet HTML 7Page - CAMBION Electronic Components 450-3268-01 Datasheet HTML 8Page - CAMBION Electronic Components 450-3268-01 Datasheet HTML 9Page - CAMBION Electronic Components 450-3268-01 Datasheet HTML 10Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Dimensions in inches (mm)
Dimensions in mm
Call our dedicated order line on +44 (0) 1433 621555 or visit www.cambion.com
24
CONNECTOR PINS - EDGE MOUNT
46X - XXXX - XX - XX - 00
How to order code
Basic Part No.
Finish
Pin
Brass

Component
Material
RoHS
MaterialCodeTable
FinishCodeTable
-03
GoldoverNickel

-04
Electro-Tin

DashNo.
PinFinish
RoHS
1
460-8250 -01
.200(5.08)
-
.117(2.97)
-
.040(1.02)
--
2
461-2633 -01
.188(4.77)
-
.156(3.96) .132(3.35) .040(1.02) .062(1.57)
-
3
461-2634 -01
.200(5.08) .031(0.78) .156(3.96) .125(3.18) .040(1.02) .062(1.57) .045(1.15)
-02
.062(1.57)
.078(1.98)
Fig.
Basic Part
A
Board
BC
D
E
S
No.
Thickness
X - X - X - XXXX - XXXX - 3 - X
How to order code
Finish
‘D’ Dia
‘B’ Standoff
Length
‘A’ Pin
Length
‘C’
Mounting
Length
Style
B - Brass
T - Tellurium Copper
B-1-B-0478-0432-3-4
Brass
1.02
B
4.78
4.32
Gold
2.70
Example Part Number
Material
Pin dia D
Style
Pin Length A
Stand off
Finish
Mounting
Length B
Length C
Pin
B
Brass

T TelluriumCopper 
Component
Material
RoHS
Dash
Letter
MaterialCodeTable
FinishCodeTable
-03
GoldoverNickel

DashNo.
Finish
RoHS DashNo. CMounting
Length DashNo. DPin
Diameter
PinDiaCodeTable
1
1.02
2
1.57
3
2.03
MountingCodeTable
1
0.90
2
1.50
3
2.00
4
2.70
CONNECTOR PINS - SOLDER MOUNT POLYGON


Similar Part No. - 450-3268-01

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-3268 CAMBION-450-3268 Datasheet
59Kb / 1P
   Solder mount socket, for .016 (0,41) to .020 (0,51) diameter pins
More results

Similar Description - 450-3268-01

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4833.2300 SCHURTER-4833.2300_V01 Datasheet
285Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.2200 SCHURTER-4831.2200_20 Datasheet
287Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 2.5 mm
4831.1300 SCHURTER-4831.1300_20 Datasheet
224Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
4833.3300 SCHURTER-4833.3300 Datasheet
287Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.1320 SCHURTER-4833.1320 Datasheet
227Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 6.3 mm
4833.2200 SCHURTER-4833.2200 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
4831.3200 SCHURTER-4831.3200_V01 Datasheet
286Kb / 2P
   , solder terminal, insulated, 2-pole, Audio Plug/Sockets, 2.5 mm
4832.3300 SCHURTER-4832.3300_V02 Datasheet
286Kb / 2P
   , solder terminal, insulated, 3-pole, Audio Plug/Sockets, 3.5 mm
04.01.2022
4833.2200 SCHURTER-4833.2200_V01 Datasheet
284Kb / 2P
   , solder terminal, screened, 2-pole, Audio Plug/Sockets, 6.3 mm
04.01.2022
4831.1300 SCHURTER-4831.1300_V01 Datasheet
223Kb / 2P
   , solder terminal, screened, 3-pole, Audio Plug/Sockets, 2.5 mm
04.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com