Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQU7P06 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQU7P06
Description  60V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU7P06 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQU7P06 Datasheet HTML 1Page - Fairchild Semiconductor FQU7P06 Datasheet HTML 2Page - Fairchild Semiconductor FQU7P06 Datasheet HTML 3Page - Fairchild Semiconductor FQU7P06 Datasheet HTML 4Page - Fairchild Semiconductor FQU7P06 Datasheet HTML 5Page - Fairchild Semiconductor FQU7P06 Datasheet HTML 6Page - Fairchild Semiconductor FQU7P06 Datasheet HTML 7Page - Fairchild Semiconductor FQU7P06 Datasheet HTML 8Page - Fairchild Semiconductor FQU7P06 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A2. May 2001
Package Dimensions (Continued)
6.60
±0.20
0.76
±0.10
MAX0.96
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
5.34
±0.20
0.50
±0.10
0.50
±0.10
2.30
±0.20
(0.50)
(0.50)
(4.34)
IPAK


Similar Part No. - FQU7P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU7P20 FAIRCHILD-FQU7P20 Datasheet
710Kb / 9P
   200V P-Channel MOSFET
More results

Similar Description - FQU7P06

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
   60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
   60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
   60V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
   60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
   60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
   -60V P-Channel MOSFET
AO4441 UMW-AO4441 Datasheet
460Kb / 7P
   -60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com