Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR1AM-14A-A9 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BCR1AM-14A-A9
Description  700V-1A-Triac Low Power Use
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR1AM-14A-A9 Datasheet(HTML) 1 Page - Renesas Technology Corp

  BCR1AM-14A-A9 Datasheet HTML 1Page - Renesas Technology Corp BCR1AM-14A-A9 Datasheet HTML 2Page - Renesas Technology Corp BCR1AM-14A-A9 Datasheet HTML 3Page - Renesas Technology Corp BCR1AM-14A-A9 Datasheet HTML 4Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R07DS1076EJ0100 Rev.1.00
Page 1 of 3
May 30, 2013
Preliminary Datasheet
BCR1AM-14A
700V-1A-Triac
Low Power Use
Features
• I
T (RMS) : 1 A
• V
DRM :700 V
• I
FGTI : 5 mA
• I
RGTI, IRGTIII : 5 mA or 3mA(IGT:item1)
• I
FGT III : 10 mA
• Planar Type
Outline
RENESAS Package code: PRSS0003EA-A
(Package name: TO-92*)
2
1
3
1. T1 Terminal
2. T2 Terminal
3. Gate Terminal
1
2
3
Maximum Ratings
Parameter
Symbol
Voltage class
Unit
14
Repetitive peak off-state voltage
Note1
VDRM
700
V
Non- repetitive peak off-state voltage
Note1
VDSM
840
V
Notes: 1. Gate open.
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
1.0
A
Commercial frequency, sine full wave
360° conduction, , Tc= 56°C
Note3
Surge on-state current
ITSM
10
A
60Hz sinewave 1 full cycle, peak value,
non-repetitive
I
2t for fusing
I
2t
0.41
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
1
W
Average gate power dissipation
PG (AV)
0.1
W
Peak gate voltage
VGM
6
V
Peak gate current
IGM
0.5
A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
0.23
g
Typical value
R07DS1076EJ0100
Rev.1.00
May 30, 2013


Similar Part No. - BCR1AM-14A-A9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR1AM-14A-A6#B00 RENESAS-BCR1AM-14A-A6#B00 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
More results

Similar Description - BCR1AM-14A-A9

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR1AM-14A RENESAS-BCR1AM-14A_15 Datasheet
113Kb / 7P
   700V-1A-Triac Low Power Use
BCR3AM-14B RENESAS-BCR3AM-14B Datasheet
386Kb / 9P
   700V - 3A - Triac Low Power Use
Feb. 22, 2022
BCR08AS-14A RENESAS-BCR08AS-14A Datasheet
68Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_13 Datasheet
105Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR08ES-14A RENESAS-BCR08ES-14A Datasheet
102Kb / 4P
   700V - 0.8A - Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A_15 Datasheet
100Kb / 7P
   700V-0.8A-Triac Low Power Use
BCR3AS-14B RENESAS-BCR3AS-14B Datasheet
447Kb / 8P
   700V - 3A - Triac Low Power Use
May. 10, 2019
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
   700V-0.8A-Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A_15 Datasheet
62Kb / 4P
   800V - 1A - Triac Low Power Use
BCR1BM-16A RENESAS-BCR1BM-16A Datasheet
62Kb / 4P
   800V - 1A - Triac Low Power Use
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com