Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24250YFFT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24250YFFT
Description  2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24250YFFT Datasheet(HTML) 1 Page - Texas Instruments

  BQ24250YFFT Datasheet HTML 1Page - Texas Instruments BQ24250YFFT Datasheet HTML 2Page - Texas Instruments BQ24250YFFT Datasheet HTML 3Page - Texas Instruments BQ24250YFFT Datasheet HTML 4Page - Texas Instruments BQ24250YFFT Datasheet HTML 5Page - Texas Instruments BQ24250YFFT Datasheet HTML 6Page - Texas Instruments BQ24250YFFT Datasheet HTML 7Page - Texas Instruments BQ24250YFFT Datasheet HTML 8Page - Texas Instruments BQ24250YFFT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
bq24250
bq24251
bq24253
www.ti.com
SLUSBA1C – OCTOBER 2012 – REVISED JUNE 2013
2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path
Management
Check for Samples: bq24250, bq24251, bq24253
1
FEATURES
23
High-efficiency Switch-mode Charger with
Complete System Level Protection
Separate Power Path
Input UVLO, Input Over-voltage Protection
Start up System from Deeply Discharged or
(OVP), Battery OVP, Sleep Mode, VIN_DPM
Missing Battery
Input Current Limit
USB Charging Compliant
Charge Current Limit
Selectable Input Current Limit of 100 mA,
Thermal Regulation
500 mA, 900 mA, 1.5 A, and 2 A
Thermal Shutdown
BC1.2 Compatible D+, D– Detection
Voltage Based, JEITA Compatible NTC
In Host Mode (after I2C communication starts
Monitoring Input
and before watchdog timer times out)
Safety Timer
Programmable Battery Charge Voltage,
20 V Maximum Input Voltage Rating
VBATREG
10.5 V Maximum Operating Input Voltage
Programmable Charge Current (ICHG)
Low RDS(on) Integrated Power FETs for up to 2
Programmable Input Current Limit (ILIM)
A Charging Rate
Programmable Input Voltage Based
Open Drain Status Outputs
Dynamic Power Management threshold,
Synchronous Fixed-frequency PWM Controller
(VIN_DPM)
Operating at 3MHz for Small Inductor Support
Programmable Input Overvoltage
AnyBoot Robust Battery Detection Algorithm
Protection Threshold (VOVP)
Charge Time Optimizer for improved charge
Programmable Safety Timer
times at any given charge current
Resistor Programmable Defaults for:
2.4 x 2.0 mm 30-ball WCSP Package
ICHG up to 2 A with Current Monitoring
Output (ISET)
APPLICATIONS
ILIM up to 2 A with Current Monitoring
Mobile Phones and Smart Phones
Output (ILIM)
MP3 Players
VIN_DPM (VDPM)
Portable Media Players
Watchdog Timer Disable Bit
Handheld Devices
Integrated 4.9 V, 50 mA LDO
DESCRIPTION
The bq24250, 1, 3 is a highly integrated single-cell Li-Ion battery charger and system power-path management
device targeted for space-limited, portable applications with high capacity batteries. The single cell charger has a
single input that operates from either a USB port or AC wall adapter for a versatile solution.
The power path management feature allows the bq24250, 1, 3 to power the system from a high efficiency DC/DC
converter while simultaneously and independently charging the battery. The charger monitors the battery current
at all times and reduces the charge current when the system load requires current above the input current limit.
This allows for proper charge termination and enables the system to run with a defective or absent battery pack.
Additionally, this enables instant system turn-on even with a totally discharged battery or no battery. The power-
path management architecture also permits the battery to supplement the system current requirements when the
adapter cannot deliver the peak system currents. This enables the use of a smaller adapter.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - BQ24250YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
More results

Similar Description - BQ24250YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com