Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq27421YZFR-G1B Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # bq27421YZFR-G1B
Description  System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq27421YZFR-G1B Datasheet(HTML) 6 Page - Texas Instruments

Back Button bq27421YZFR-G1B Datasheet HTML 2Page - Texas Instruments bq27421YZFR-G1B Datasheet HTML 3Page - Texas Instruments bq27421YZFR-G1B Datasheet HTML 4Page - Texas Instruments bq27421YZFR-G1B Datasheet HTML 5Page - Texas Instruments bq27421YZFR-G1B Datasheet HTML 6Page - Texas Instruments bq27421YZFR-G1B Datasheet HTML 7Page - Texas Instruments bq27421YZFR-G1B Datasheet HTML 8Page - Texas Instruments bq27421YZFR-G1B Datasheet HTML 9Page - Texas Instruments bq27421YZFR-G1B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Active
REGIN
GPOUT
*
VDD
State
SHUTDOWN
WAKE-UP
tSHUP
tSHDN
tWUVDD
WAKE-UP
Off
Active
* GPOUT is configured as an input for wake-up signaling.
SHUTDOWN
SHUTDOWN_
ENABLE
I2C Bus
tPUCD
tPUCD
tVDD
bq27421-G1
SLUSB85 – MAY 2013
www.ti.com
LDO REGULATOR, WAKE-UP AND AUTO-SHUTDOWN AC CHARACTERISTICS
TA = –40°C to 85°C, typical values at TA = 30°C and VREGIN = 3.6 V (unless otherwise noted)(Force Note1)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSHDN
(1)
SHUTDOWN Entry Time
Time delay from SHUTDOWN
250
ms
command to LDO output disable.
tSHUP
(1)
SHUTDOWN GPOUT Low time
Minimum low time of GPOUT (input)
10
μs
in SHUTDOWN before WAKEUP
tVDD
(1)
Initial VDD Output delay
13
ms
tWUVDD
(1)
Wake-up VDD Output delay
Time delay from rising edge of
8
ms
GPOUT (input) to nominal VDD
output.
tPUCD
Power-up communication delay
Time delay from rising edge of
250
ms
REGIN to the Active state. Includes
firmware initialization time.
(1)
Specified by design. Not production tested.
SHUTDOWN and WAKE-UP Timing
Figure 1. SHUTDOWN and WAKE-UP Timing Diagram
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq27421-G1


Similar Part No. - bq27421YZFR-G1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27421YZFR-G1B TI1-BQ27421YZFR-G1B Datasheet
1Mb / 28P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
More results

Similar Description - bq27421YZFR-G1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27425-G2 TI1-BQ27425-G2_14 Datasheet
1Mb / 35P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27425-G1 TI1-BQ27425-G1 Datasheet
875Kb / 32P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated Sense Resistor
BQ27421-G1 TI1-BQ27421-G1_16 Datasheet
1Mb / 28P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated Sense Resistor
BQ27427 TI-BQ27427 Datasheet
929Kb / 24P
[Old version datasheet]   BQ27427 System-Side Impedance Track™ Fuel Gauge With Integrated Sense Resistor
DECEMBER 2022
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com