Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24251YFFR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24251YFFR
Description  2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24251YFFR Datasheet(HTML) 5 Page - Texas Instruments

  BQ24251YFFR Datasheet HTML 1Page - Texas Instruments BQ24251YFFR Datasheet HTML 2Page - Texas Instruments BQ24251YFFR Datasheet HTML 3Page - Texas Instruments BQ24251YFFR Datasheet HTML 4Page - Texas Instruments BQ24251YFFR Datasheet HTML 5Page - Texas Instruments BQ24251YFFR Datasheet HTML 6Page - Texas Instruments BQ24251YFFR Datasheet HTML 7Page - Texas Instruments BQ24251YFFR Datasheet HTML 8Page - Texas Instruments BQ24251YFFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ISET
CHG
ISET
K
I
R
=
bq24250
bq24251
bq24253
www.ti.com
SLUSBA1C – OCTOBER 2012 – REVISED JUNE 2013
ELECTRICAL CHARACTERISTICS
VUVLO < VIN < VOVP and VIN > VBAT+VSLP, TJ = 0ºC-125°C and TJ = 25°C for typical values (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CURRENTS
VDPM < VIN < VOVP AND VIN >
13
VBAT+VSLP PWM switching, CE Enable
mA
VDPM < VIN < VOVP AND VIN >
IIN
Supply current from IN
VBAT+VSLP PWM switching, CE
5
Disable
0°C< TJ < 85°C, High-Z Mode
170
225
μA
Battery discharge current in
0°C< TJ < 85°C, VBAT = 4.2 V,
high impedance mode, (BAT,
16
22
VIN = 0V or 5V, High-Z Mode
SW, SYS)
IBAT
μA
Battery discharge current in
0°C< TJ < 85°C, VBAT = 4.2 V,
SYSOFF mode, (BAT, SW,
1
VIN < UVLO, SYSOFF Mode
SYS)
POWER-PATH MANAGEMENT
MINSYS stage (no DPM or DPPM)
–1%
3.52
1%
VMINSYS
MINSYS stage (DPM or DPPM active)
–1.50%
1.50%
–200mV
VSYSREG
System Regulation Voltage
V
VBAT
BATREG stage
+ ICHG Ron
VBATREG
VBATREG
VBATREG
SYSREG stage
+2.1%
+3.1%
+4.1%
VBAT
Enter supplement mode
VSPLM
VBAT = 3.6V
V
voltage threshold
40mV
Exit supplement mode current
ISPLM
VBAT = 3.6V
20
mA
threshold
Deglitch Time, OUT Short
Measured from (VBAT – VSYS) = 300
tDGL(SC1)
Circuit during Discharge or
740
μs
mV
Supplement Mode
Recovery Time, OUT Short
tREC(SC1)
Circuit during Discharge or
64
ms
Supplement Mode
BATTERY CHARGER
Measured from BAT to SYS, VBAT =
20
30
4.2V (WCSP)
Internal battery charger
RON(BAT-SYS)
m
Ω
MOSFET on-resistance
Measured from BAT to SYS, VBAT =
30
40
4.2V (QFN)
Operating in voltage regulation,
I2C host mode
3.5
4.44
V
Programmable Range
SA mode or I2C default mode
4.2
VBATREG
TJ = 25°C
–0.5%
0.5%
Voltage Regulation Accuracy
TJ = 0°C to 125°C
–0.75
0.75
ICHG
Fast Charge Current Range
VLOWV ≤ VBAT < VBAT(REG)
500
2000
mA
Fast Charge Current Accuracy
I2C mode
–7%
7%
ICHG-LOW
Low Charge Current Setting
Set via I2C
297
330
363
mA
Programmable Fast Charge
KISET
232.5
250
267.5
A
Current Factor
Maximum ISET pin voltage (in
VISET
0.42
V
regulation)
Short circuit resistance
RISET-SHORT
45
55
75
threshold
Pre-charge to fast charge
Rising
2.9
3
3.1
V
threshold
VLOWV
Hysteresis for VLOWV
Battery voltage falling
100
mV
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: bq24250 bq24251 bq24253


Similar Part No. - BQ24251YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI1-BQ24250C Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFR TI1-BQ24250CYFFR Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250CYFFT TI1-BQ24250CYFFT Datasheet
2Mb / 48P
[Old version datasheet]   Power-Path Management
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
More results

Similar Description - BQ24251YFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
[Old version datasheet]   bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24257 TI-BQ24257 Datasheet
2Mb / 45P
[Old version datasheet]   2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Integrated Current Sense Resistor
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Linear Technology
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
logo
Texas Instruments
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
[Old version datasheet]   2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com