Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQG4904 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FQG4904
Description  400V Dual N & P-Channel MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQG4904 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FQG4904 Datasheet HTML 1Page - Fairchild Semiconductor FQG4904 Datasheet HTML 2Page - Fairchild Semiconductor FQG4904 Datasheet HTML 3Page - Fairchild Semiconductor FQG4904 Datasheet HTML 4Page - Fairchild Semiconductor FQG4904 Datasheet HTML 5Page - Fairchild Semiconductor FQG4904 Datasheet HTML 6Page - Fairchild Semiconductor FQG4904 Datasheet HTML 7Page - Fairchild Semiconductor FQG4904 Datasheet HTML 8Page - Fairchild Semiconductor FQG4904 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A1, April 2002
02468
10
0
2
4
6
8
10
12
V
DS
= 200V
V
DS = 80V
V
DS
= 320V
※ Note: I
D
= 0.46 A
Q
G, Total Gate Charge [nC]
0.2
0.4
0.6
0.8
1.0
1.2
1.4
10
-1
10
0
150℃
※ Notes :
1. V
GS
= 0V
2. 250μ s Pulse Test
25℃
V
SD, Source-Drain voltage [V]
024
6
8
10
10
-1
10
0
※ Notes :
1. V
DS = 40V
2. 250μ s Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
10
-1
10
0
10
1
10
-1
10
0
V
GS
Top :
15.0 V
10.0 V
8.0 V
6.0 V
5.5 V
5.0 V
4.5 V
Bottom : 4.0 V
※ Notes :
1. 250μ s Pulse Test
2. T
A
= 25℃
V
DS
, Drain-Source Voltage [V]
10
-1
10
0
10
1
0
100
200
300
400
500
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Note;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
02
46
8
0
2
4
6
8
10
V
GS = 20V
V
GS = 10V
※ Note : T
J
= 25℃
I
D, Drain Current [A]
Typical Characteristics : N-Channel
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature


Similar Part No. - FQG4904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQG4902 FAIRCHILD-FQG4902 Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
FQG4902 FAIRCHILD-FQG4902 Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
FQG4902TU FAIRCHILD-FQG4902TU Datasheet
1Mb / 12P
   250V Dual N & P-Channel MOSFET
More results

Similar Description - FQG4904

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQS4901 FAIRCHILD-FQS4901 Datasheet
723Kb / 8P
   400V Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KQS4901 KEXIN-KQS4901 Datasheet
59Kb / 2P
   400V Dual N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU4P40 KERSEMI-KSMU4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB2P40 FAIRCHILD-FQB2P40 Datasheet
586Kb / 9P
   400V P-Channel MOSFET
FQPF4P40 FAIRCHILD-FQPF4P40 Datasheet
635Kb / 8P
   400V P-Channel MOSFET
FQP2P40 FAIRCHILD-FQP2P40 Datasheet
576Kb / 8P
   400V P-Channel MOSFET
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
647Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB4P40 KEXIN-KQB4P40 Datasheet
63Kb / 2P
   400V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com