Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8323Y Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS8323Y
Description  16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8323Y Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8323Y Datasheet HTML 2Page - Texas Instruments ADS8323Y Datasheet HTML 3Page - Texas Instruments ADS8323Y Datasheet HTML 4Page - Texas Instruments ADS8323Y Datasheet HTML 5Page - Texas Instruments ADS8323Y Datasheet HTML 6Page - Texas Instruments ADS8323Y Datasheet HTML 7Page - Texas Instruments ADS8323Y Datasheet HTML 8Page - Texas Instruments ADS8323Y Datasheet HTML 9Page - Texas Instruments ADS8323Y Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ADS8323
SBAS224C – DECEMBER 2001 – REVISED JANUARY 2010
www.ti.com
PIN ASSIGNMENTS
TERMINAL
NO
NAME
I/O(1)
DESCRIPTION
1
DB15
DO
Data Bit 15 (MSB)
2
DB14
DO
Data Bit 14
3
DB13
DO
Data Bit 13
4
DB12
DO
Data Bit 12
5
DB11
DO
Data Bit 11
6
DB10
DO
Data Bit 10
7
DB9
DO
Data Bit 9
8
DB8
DO
Data Bit 8
9
DB7
DO
Data Bit 7
10
DB6
DO
Data Bit 6
11
DB5
DO
Data Bit 5
12
DB4
DO
Data Bit 4
13
DB3
DO
Data Bit 3
14
DB2
DO
Data Bit 2
15
DB1
DO
Data Bit 1
16
DB0
DO
Data Bit 0 (LSB)
17
BUSY
DO
High when a conversion is in progress.
18
+DVDD
P
Digital Power Supply, +5VDC.
19
DGND
P
Digital Ground
An external CMOS-compatible clock can be applied to the CLOCK input to synchronize the
20
CLOCK
DI
conversion process to an external source.
21
CONVST
DI
Convert Start
22
RD
DI
Synchronization pulse for the parallel output.
Selects eight most significant bits (low) or eight least significant bits (high). Data valid on pins
23
BYTE
DI
9-16.
24
CS
DI
Chip Select
25
–IN
AI
Inverting Input Channel
26
+IN
AI
Noninverting Input Channel
27
AGND
P
Analog Ground
28
+AVDD
P
Analog Power Supply, +5VDC.
29
NC
No connection
30
NC
No connection
31
REFIN
AI
Reference Input. When using the internal 2.5V reference, tie this pin directly to REFOUT.
Reference Output. A 0.1
μF capacitor should be connected to this pin when the internal
32
REFOUT
AO
reference is used.
(1)
AI is analog input, AO is analog output, DI is digital input, DO is digital output, and P is power-supply connection.
6
Submit Documentation Feedback
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS8323


Similar Part No. - ADS8323Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8323Y/250 BURR-BROWN-ADS8323Y/250 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323Y/2K BURR-BROWN-ADS8323Y/2K Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323YB/250 BURR-BROWN-ADS8323YB/250 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8323YB/2K BURR-BROWN-ADS8323YB/2K Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8323Y

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8323 BURR-BROWN-ADS8323 Datasheet
272Kb / 14P
   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8323 TI1-ADS8323_14 Datasheet
799Kb / 26P
[Old version datasheet]   16-Bit, 500kSPS, microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8322 TI1-ADS8322 Datasheet
934Kb / 19P
[Old version datasheet]   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8322 BURR-BROWN-ADS8322 Datasheet
202Kb / 10P
   16-Bit, 500kHz, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8361 BURR-BROWN-ADS8361 Datasheet
444Kb / 23P
   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8361IDBQG4 TI-ADS8361IDBQG4 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, 500kSPS, 16-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com