Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS8921N Datasheet(PDF) 4 Page - Texas Instruments

Part # DS8921N
Description  DS8921/DS8921A/DS8921AT Differential Line Driver and Receiver Pair
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS8921N Datasheet(HTML) 4 Page - Texas Instruments

  DS8921N Datasheet HTML 1Page - Texas Instruments DS8921N Datasheet HTML 2Page - Texas Instruments DS8921N Datasheet HTML 3Page - Texas Instruments DS8921N Datasheet HTML 4Page - Texas Instruments DS8921N Datasheet HTML 5Page - Texas Instruments DS8921N Datasheet HTML 6Page - Texas Instruments DS8921N Datasheet HTML 7Page - Texas Instruments DS8921N Datasheet HTML 8Page - Texas Instruments DS8921N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
results assume a linear transition between measurement points and are a result of the following equations:
Where:
DS8921, DS8921A, DS8921AT
SNLS374C – MAY 1998 – REVISED APRIL 2013
www.ti.com
Driver Switching Characteristics (continued)
SINGLE ENDED CHARACTERISTICS
Symbol
Conditions
Min
Typ
Max
Units
8921
8921A
8921AT
(Figure 3 and Figure 4)
TTLH
CL = 30 pF
5
8
8
9.5
ns
(Figure 7 and Figure 8)
TTHL
CL = 30 pF
5
8
8
9.5
ns
(Figure 7 and Figure 8)
Skew
CL = 30 pF(1)
1
5
3.5
3.5
ns
(Figure 3 and Figure 4)
(1)
Difference between complementary outputs at the 50% point.
Driver Switching Characteristics
(1)
DIFFERENTIAL CHARACTERISTICS
Symbol
Conditions
Min
Typ
Max
Units
8921
8921A
8921AT
TpLH
CL = 30 pF
10
15
15
15
ns
(Figure 3, Figure 5, and
Figure 6)
TpHL
CL = 30 pF
10
15
15
15
ns
(Figure 3, Figure 5, and
Figure 6)
|TpLH–T pHL|
CL = 30 pF
0.5
6
2.75
2.75
ns
(Figure 3, Figure 5, and
Figure 6)
(1)
Differential Delays are defined as calculated results from single ended rise and fall time measurements. This approach in establishing
AC performance specifications has been taken due to limitations of available Automatic Test Equipment (ATE). The calculated ATE
Tcr = Crossing Point Tra, Trb, Tfa and T fb are time measurements with respect to the input. See Figure 6.
AC Test Circuits and Switching Diagrams
Figure 1.
4
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS8921 DS8921A DS8921AT


Similar Part No. - DS8921N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS8921N NSC-DS8921N Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
logo
Texas Instruments
DS8921N/NOPB TI1-DS8921N/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
More results

Similar Description - DS8921N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
   Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
SN65LBC180-Q1 TI1-SN65LBC180-Q1 Datasheet
276Kb / 17P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com