Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC161S997 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC161S997
Description  16-bit SPI Programmable DAC for 4-20mA Loops
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC161S997 Datasheet(HTML) 2 Page - Texas Instruments

  DAC161S997 Datasheet HTML 1Page - Texas Instruments DAC161S997 Datasheet HTML 2Page - Texas Instruments DAC161S997 Datasheet HTML 3Page - Texas Instruments DAC161S997 Datasheet HTML 4Page - Texas Instruments DAC161S997 Datasheet HTML 5Page - Texas Instruments DAC161S997 Datasheet HTML 6Page - Texas Instruments DAC161S997 Datasheet HTML 7Page - Texas Instruments DAC161S997 Datasheet HTML 8Page - Texas Instruments DAC161S997 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
COMA
BASE
OUT
C2
SCLK
C3
SDI
C1
VD
ERRLVL
CSB
VA
COMD
40
µC
Sensor
SPI
IN
HART Modulator
LDO
I n d u s t r i a l 4 - 2 0 m A T r a n s m i t t e r
0-24 mA Loop
+
-
LOOP
SUPPLY
LOOP
RECEIVER
80k
IDAC
ÐÂ DAC
16
DAC161S997
LOOP+
LOOP-
ERRB
+
-
INT
SDO
NC
VD
Internal
Reference
DAC161S997
SNAS621 – JUNE 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DEVICE INFORMATION
Functional Block Diagram
4-20 mA CURRENT LOOP TRANSMITTER
The DAC161S997 is a 16-bit DAC realized as a
∑Δ modulator. The DAC’s output is a current pulse train that is
filtered by the on-board low pass RC filter. The final output current is a multiplied copy of the filtered modulator
output. This architecture ensures an excellent linearity performance, while minimizing power consumption of the
device.
The DAC161S997 eases the design of robust, precise, long-term stable industrial systems by integrating all
precision elements on-chip. Only a few external components are needed to realize a low-power, high-precision
industrial 4 - 20 mA transmitter.
In case of a fault, or during initial power-up the DAC161S997 will output current in either upper or lower error
current band. The choice of band is user selectable via a device pin. The error current value is user
programmable via SPI.
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DAC161S997


Similar Part No. - DAC161S997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161S997EVM TI1-DAC161S997EVM Datasheet
8Mb / 16P
[Old version datasheet]   helps designers evaluate the operation and performance of the DAC161S997 4-20mA Loop Drive with SPI control
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
[Old version datasheet]   DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
More results

Similar Description - DAC161S997

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC161S997 TI-DAC161S997_15 Datasheet
2Mb / 39P
[Old version datasheet]   DAC161S997 16-Bit SPI-Programmable DAC for 4-20 mA Loops
DAC161P997 TI1-DAC161P997 Datasheet
870Kb / 34P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4-20mA Loops
DAC161P997 TI-DAC161P997_15 Datasheet
1Mb / 39P
[Old version datasheet]   DAC161P997 Single-Wire 16-bit DAC for 4- to 20-mA Loops
logo
Analog Devices
EVAL-AD421EB AD-EVAL-AD421EB Datasheet
222Kb / 7P
   Evaluation Board for Loop Powered 4-20mA DAC
REV. A
AD5421 AD-AD5421 Datasheet
2Mb / 22P
   16-Bit, Serial Input, Loop-Powered, 4mA to 20mA DAC
Rev.PrN
AD5755 AD-AD5755 Datasheet
1Mb / 34P
   Quad Channel, 16-Bit, Serial Input, 4-20mA & Voltage Output DAC, Dynamic Power Control
Rev. PrG
AD3552R AD-AD3552R Datasheet
3Mb / 68P
   16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
Rev. A
AD3541R AD-AD3541R Datasheet
3Mb / 56P
   Single Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
AD5757 AD-AD5757 Datasheet
909Kb / 31P
   Quad Channel, 16-Bit, Serial Input, 4-20mA Output DAC, Dynamic Power Control, HART Connectivity
Rev. PrD
AD3542R AD-AD3542R Datasheet
3Mb / 65P
   Dual Channel, 16-Bit, 16 MUPS, Multispan, Multi-IO SPI DAC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com