Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3174 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3174
Description  Dual 14-bit 500 MSPS Digital to Analog Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3174 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC3174 Datasheet HTML 4Page - Texas Instruments DAC3174 Datasheet HTML 5Page - Texas Instruments DAC3174 Datasheet HTML 6Page - Texas Instruments DAC3174 Datasheet HTML 7Page - Texas Instruments DAC3174 Datasheet HTML 8Page - Texas Instruments DAC3174 Datasheet HTML 9Page - Texas Instruments DAC3174 Datasheet HTML 10Page - Texas Instruments DAC3174 Datasheet HTML 11Page - Texas Instruments DAC3174 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
DAC3174
SLAS837A – APRIL 2013 – REVISED MAY 2013
www.ti.com
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
LEAD/BALL
ORDERING
TRANSPORT
PRODUCT
TEMPERATURE
ECO PLAN
QUANTITY
LEAD
DESIGNATOR
FINISH
NUMBER
MEDIA
RANGE
DAC3174IRGC25
25
GREEN (RoHS
DAC3174
QFN-64
RGC
–40°C to 85°C
NiPdAu
DAC3174IRGCT
Tape and Reel
250
and no Sb/Br)
DAC3174IRGCR
2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDDA33 to GND
–0.5 to 4
VDDA18 to GND
–0.5 to 2.3
Supply voltage
CLKVDD18 to GND
–0.5 to 2.3
V
IOVDD to GND
–0.5 to 4
DIGVDD18 to GND
–0.5 to 2.3
CLKVDD18 to DIGVDD18
–0.5 to 0.5
VDDA18 to DIGVDD18
–0.5 to 0.5
DA[6..0]P, DA[6..0]N, DB[6..0]P, DB[6..0]N, D[13..0]P, D[13..0]N,
DATACLKP, DATACLKN, DA_CLKP, DA_CLKPN, DB_CLKP, DB_CLKN,
–0.5 to DIGVDD18 + 0.5
Terminal voltage
SYNCP, SYNCN to GND
V
range
DACCLKP, DACCLKN, ALIGNP, ALIGNN
–0.5 to CLKVDD18 + 0.5
TXENABLE, ALARM, SDO, SDIO, SCLK, SDENB, RESETB to GND
–0.5 to IOVDD + 0.5
IOUTAP, IOUTAN, IOUTBP, IOUTBN to GND
–0.7 to 1.4
EXTIO, BIASJ to GND
–0.5 to VDDA33 + 0.5
Storage temperature range
–65 to 150
°C
ESD, Human Body Model
2
kV
THERMAL INFORMATION
DAC3174
THERMAL METRIC(1)
UNITS
QFN (64 PIN)
θJA
Junction-to-ambient thermal resistance
23.0
θJCtop
Junction-to-case (top) thermal resistance
7.6
θJB
Junction-to-board thermal resistance
2.8
°C/W
ψJT
Junction-to-top characterization parameter
0.1
ψJB
Junction-to-board characterization parameter
2.8
θJCbot
Junction-to-case (bottom) thermal resistance
0.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :DAC3174


Similar Part No. - DAC3174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results

Similar Description - DAC3174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com