Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV201AYMBR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201AYMBR
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV201AYMBR Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV201AYMBR Datasheet HTML 6Page - Texas Instruments DRV201AYMBR Datasheet HTML 7Page - Texas Instruments DRV201AYMBR Datasheet HTML 8Page - Texas Instruments DRV201AYMBR Datasheet HTML 9Page - Texas Instruments DRV201AYMBR Datasheet HTML 10Page - Texas Instruments DRV201AYMBR Datasheet HTML 11Page - Texas Instruments DRV201AYMBR Datasheet HTML 12Page - Texas Instruments DRV201AYMBR Datasheet HTML 13Page - Texas Instruments DRV201AYMBR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
DRV201A
SLVSBN6 – JUNE 2013
www.ti.com
VCM DRIVER OUTPUT STAGE OPERATION
Current in the VCM can be controlled with a linear or PWM mode output stage. Output stage is enabled in
ACTIVE mode which can be controlled through VCM_CURRENT control register and the output stage mode is
selected from MODE register bit PWM/LIN.
In linear mode the output PMOS is configured to a high side current source and current can be controlled from a
VCM_CURRENT registers.
In PWM control the VCM is driven with a half bridge driver. With PWM control the VCM current is increased by
connecting the VCM between VBAT and GND through the high side PMOS and then released to a ‘freewheeling’
mode through the sense resistor and low side NMOS. Current in the VCM is sensed with a 1-
Ω sense resistor
which is connected into an error amplifier input where the other input is controlled by the 10-bit DAC output.
PWM mode switching frequency can be selected from 0.5 MHz up to 4 MHz through a CONTROL register. PWM
or linear mode can be selected with the PWM/LIN bit in the MODE register.
RINGING COMPENSATION
VCM current can be controlled via an I2C interface and VCM_CURRENT registers. Lens stack is connected to a
spring which causes a dampened ringing in the lens position when current is changed. This mechanical ringing is
compensated internally by generating an optimized ramp whenever the current value in the VCM_CURRENT
register is changed. This enables a fast auto focus algorithm and pleasant user experience.
Ringing compensation is dependent on the VCM resonance frequency and this can be controlled via
VCM_FREQ register (07h) from 50 Hz up 150 Hz. Table 1 shows the VCM_FREQ register setting for each
resonance frequency in 1-Hz steps. If more accurate resonance frequency is available, the control value can be
calculated with Equation 1.
Ringing compensation is designed in a way that it can tolerate ±30% frequency variation in the VCM resonance
frequency when 2/fVCM compensation is used and ±10% variation with 1/fVCM so only statistical data from the
VCM is needed in production.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV201A


Similar Part No. - DRV201AYMBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201 TI1-DRV201 Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
DRV201YFMR TI1-DRV201YFMR Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201YFMR TI1-DRV201YFMR Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
DRV201YFMT TI1-DRV201YFMT Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
More results

Similar Description - DRV201AYMBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV201 TI1-DRV201 Datasheet
390Kb / 17P
[Old version datasheet]   VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
AUGUST2011
DRV201 TI1-DRV201_15 Datasheet
972Kb / 29P
[Old version datasheet]   DRV201 Voice Coil Motor Driver for Camera Auto Focus
logo
Princeton Technology Co...
PT5662 PTC-PT5662 Datasheet
223Kb / 5P
   Auto Focus Motor Driver IC
PT5100 PTC-PT5100 Datasheet
137Kb / 4P
   Auto Focus Motor Driver IC
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
Allegro MicroSystems
8958 ALLEGRO-8958 Datasheet
113Kb / 8P
   VOICE COIL MOTOR DRIVER
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com