Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8711 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8711
Description  STEPPER MOTOR CONTROLLER IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8711 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8711 Datasheet HTML 2Page - Texas Instruments DRV8711 Datasheet HTML 3Page - Texas Instruments DRV8711 Datasheet HTML 4Page - Texas Instruments DRV8711 Datasheet HTML 5Page - Texas Instruments DRV8711 Datasheet HTML 6Page - Texas Instruments DRV8711 Datasheet HTML 7Page - Texas Instruments DRV8711 Datasheet HTML 8Page - Texas Instruments DRV8711 Datasheet HTML 9Page - Texas Instruments DRV8711 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
DRV8711
SLVSC40 – JUNE 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power Supplies
IVM
VM operating supply current
VM = 24 V
17
20
mA
IVMQ
VM sleep mode supply current
VM = 24 V, SLEEPn = 0
65
98
μA
VM rising
7.1
8
VUVLO
VM undervoltage lockout voltage
V
VM falling
6.3
Internal Linear Regulators
V5
V5 output voltage
VM ≥ 12 V, IOUT = 1 mA - 10 mA
4.8
5
5.2
V
VINT
VINT voltage
No external load – reference only
1.7
1.8
1.9
V
Logic-Level Inputs
VIL
Input low voltage
0.8
V
VIH
Input high voltage
1.5
V
VHYS
Input hysteresis voltage
300
mV
IIL
Input low current
VIN = 0 V
-5
5
μA
IIH
Input high current
VIN = 5 V
30
50
70
μA
SDATAO, STALLn, FAULTn OUTPUTS (Open-Drain Outputs)
VOL
Output low voltage
IO = 5 mA
0.5
V
IOH
Output high leakage current
VO = 3.3 V
1
µA
MOSFET Drivers
VOUTH
High-side gate drive output voltage
VM = 24 V, IO = 100 μA
VM+10
V
VOUTL
Low-side gate drive output voltage
VM = 24 V, IO = 100 μA
10
V
DTIME = 00
400
DTIME = 01
450
Output dead time digital delay (dead
tDEAD
ns
time is enforced in analog circuits)
DTIME = 10
650
DTIME = 11
850
IDRIVEP = 00
50
IDRIVEP = 01
100
Peak output current gate drive
IOUTH
mA
(source)
IDRIVEP = 10
150
IDRIVEP = 11
200
IDRIVEN = 00
100
IDRIVEN = 01
150
IOUTl
Peak output current gate drive (sink)
mA
IDRIVEN = 10
200
IDRIVEN = 11
400
TDRIVEP = 00
250
TDRIVEP = 01
500
tDRIVE
Peak current drive time (source)
ns
TDRIVEP = 10
1000
TDRIVEP = 11
2000
TDRIVEN = 00
250
TDRIVEN = 01
500
tDRIVE
Peak current drive time (sink)
ns
TDRIVEN = 10
1000
TDRIVEN = 11
2000
Motor Driver
tOFF
PWM off time adjustment range
Set by TOFF register
0.5
128
μs
tBLANK
Current sense blanking time
Set by TBLANK register
0.5
5.12
μs
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: DRV8711


Similar Part No. - DRV8711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8711 TI-DRV8711_15 Datasheet
2Mb / 44P
[Old version datasheet]   DRV8711 Stepper Motor Controller IC
More results

Similar Description - DRV8711

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811 Datasheet
862Kb / 19P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_12 Datasheet
714Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_14 Datasheet
1Mb / 36P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com