Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LECGQ9WP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LECGQ9WP
Description  Highly efficient lightsource, slim package design Hocheffiziente Lichtquelle, niedrige Bauteilh철he...
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECGQ9WP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LECGQ9WP Datasheet HTML 3Page - OSRAM GmbH LECGQ9WP Datasheet HTML 4Page - OSRAM GmbH LECGQ9WP Datasheet HTML 5Page - OSRAM GmbH LECGQ9WP Datasheet HTML 6Page - OSRAM GmbH LECGQ9WP Datasheet HTML 7Page - OSRAM GmbH LECGQ9WP Datasheet HTML 8Page - OSRAM GmbH LECGQ9WP Datasheet HTML 9Page - OSRAM GmbH LECGQ9WP Datasheet HTML 10Page - OSRAM GmbH LECGQ9WP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Version 2.0
LE CG Q9WP
2012-06-27
7
Relative Spectral Emission - V(
λ) = Standard eye response curve 5) page 21 , 1) page 21
Relative spektrale Emission - V(
λ) = spektrale Augenempfindlichkeit 5) Seite 21 , 1) Seite 21
Φ
rel = f (λ); TJ = 25 °C; IF = 1400 mA
Radiation Characteristics 5) page 21
Abstrahlcharakteristik 5) Seite 21
I
rel = f (ϕ); TJ = 25 °C
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
Φrel
: Vλ
: converted green
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
0° 10° 20° 30° 40° 50° 60° 70° 80° 90° 100°
ϕ [°]
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0 Ιv rel


Similar Part No. - LECGQ9WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGQ7WP OSRAM-LECGQ7WP Datasheet
1Mb / 26P
   Headup Display
LECGQ8WP OSRAM-LECGQ8WP Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Compact
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
   Highly efficient lightsource, slim package design
LECGQ8WP-6P5Q-2 OSRAM-LECGQ8WP-6P5Q-2 Datasheet
1Mb / 25P
   OSRAM OSTAR Projection Compact
More results

Similar Description - LECGQ9WP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECGQ8WP-5P8P-1 OSRAM-LECGQ8WP-5P8P-1 Datasheet
1Mb / 24P
   Highly efficient lightsource, slim package design
LMWG5AP-7C8D-NZN7-DF-LH OSRAM-LMWG5AP-7C8D-NZN7-DF-LH Datasheet
396Kb / 17P
   slim package design for thin applications
logo
A-Data Technology
HV620S A-DATA-HV620S Datasheet
427Kb / 2P
   Slim profile design
logo
OSRAM GmbH
LUWCJSN-GYHY-EULW-35 OSRAM-LUWCJSN-GYHY-EULW-35 Datasheet
797Kb / 23P
   High efficient lightsource at small dimensions
logo
A-Data Technology
SE730H A-DATA-SE730H Datasheet
473Kb / 2P
   Portable-slim design
logo
Axiomtek Co., Ltd.
EM1611S AXIOMTEK-EM1611S Datasheet
219Kb / 1P
   Slim compact design
logo
XP Power Limited
DSL240 XPPOWER-DSL240 Datasheet
193Kb / 2P
   Ultra Slim Design
logo
OSRAM GmbH
SFH-487 OSRAM-SFH-487 Datasheet
165Kb / 13P
   Very highly efficient GaAlAs-LED
logo
NXP Semiconductors
DC6M401X6-18S NXP-DC6M401X6-18S Datasheet
709Kb / 2P
   Small, highly efficient switching converters
October 2012
logo
Axiomtek Co., Ltd.
GOT-5120T-830 AXIOMTEK-GOT-5120T-830 Datasheet
375Kb / 2P
   Ultra slim design: thickness 52mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com