Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1084LC4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC1084LC4
Description  GaAs MMIC SP4T REFLECTIVE SWITCH 23 - 30 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC1084LC4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC1084LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC1084LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC1084LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC1084LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC1084LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC1084LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
3
HMC1084LC4
v00.0313
GaAs MMIC SP4T REFLECTIVE
SWITCH 23 - 30 GHz
Return Loss Off State [1]
-40
-35
-30
-25
-20
-15
-10
-5
0
23
24
25
26
27
28
29
30
RFC
RF1
RF2
RF3
RF4
FREQUENCY (GHz)
Insertion Loss vs. Input Power
-6
-5
-4
-3
-2
-1
0
0
3
6
9
12
15
18
21
24
27
25GHz
26GHz
27GHz
28GHz
29GHz
30GHz
INPUT POWER (dBm)
Input IP3 vs. Temperature @ 10dBm/tone
20
25
30
35
40
45
50
55
23
24
25
26
27
28
29
30
+25 C
+85 C
-40 C
FREQUENCY (GHz)
[1] Return loss with switch path in isolation state.


Similar Part No. - HMC1084LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1081 HITTITE-HMC1081 Datasheet
399Kb / 8P
   GaAs MMIC MIXER 50 - 75 GHz
logo
Analog Devices
HMC1081 AD-HMC1081 Datasheet
460Kb / 8P
   E-Band Communications Systems
HMC1082C-KIT AD-HMC1082C-KIT Datasheet
378Kb / 15P
   5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
HMC1082CHIP AD-HMC1082CHIP Datasheet
378Kb / 15P
   5.5 GHz to 18 GHz, GaAs, pHEMT, MMIC, Medium Power Amplifier
logo
Hittite Microwave Corpo...
HMC1082LP4E HITTITE-HMC1082LP4E Datasheet
647Kb / 10P
   GaAs pHEMT MMIC MEDIUM POWER AMPLIFIER, 5.5 - 18 GHz
More results

Similar Description - HMC1084LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC944LC4 HITTITE-HMC944LC4 Datasheet
694Kb / 4P
   GaAs MMIC SP4T REFLECTIVE SWITCH, 23 - 30 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
logo
Analog Devices
HMC641ALC4 AD-HMC641ALC4 Datasheet
466Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3_06 Datasheet
307Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com