Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5122 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5122
Description  Wide Input Synchronous Boost Controller with Multiple Phase Capability
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5122 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5122 Datasheet HTML 6Page - Texas Instruments LM5122 Datasheet HTML 7Page - Texas Instruments LM5122 Datasheet HTML 8Page - Texas Instruments LM5122 Datasheet HTML 9Page - Texas Instruments LM5122 Datasheet HTML 10Page - Texas Instruments LM5122 Datasheet HTML 11Page - Texas Instruments LM5122 Datasheet HTML 12Page - Texas Instruments LM5122 Datasheet HTML 13Page - Texas Instruments LM5122 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
VCC
UVLO
CSP
OPT
CSN
VIN
SLOPE
SYNCIN/RT
BST
COMP
RES
SW
LO
HO
AGND
SS
PGND
1
6
2
3
4
5
8
9
20
14
15
19
18
17
16
13
12
11
EP
MODE
10
7
FB
SYNCOUT
LM5122/LM5122-Q1
SNVS954C – APRIL 2013 – REVISED MAY 2013
www.ti.com
DEVICE INFORMATION
HTSSOP-20
(TOP VIEW)
PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION
NAME
NO.
AGND
9
G
Analog ground connection. Return for the internal voltage reference and analog circuits.
High-side driver supply for bootstrap gate drive. Connect to the cathode of the external bootstrap
diode and to the bootstrap capacitor. The bootstrap capacitor supplies current to charge the high-
BST
20
P/I
side N-channel MOSFET gate and should be placed as close to controller as possible. An internal
BST charge pump will supply 200 µA current into bootstrap capacitor for bypass operation.
Output of the internal error amplifier. The loop compensation network should be connected between
COMP
11
O
this pin and the FB pin.
CSN
3
I
Inverting input of current sense amplifier. Connect to the negative-side of the current sense resistor.
Non-inverting input of current sense amplifier. Connect to the positive-side of the current sense
CSP
4
I
resistor.
Exposed pad of the package. No internal electrical connections. Should be soldered to the large
EP
EP
N/A
ground plane to reduce thermal resistance.
Feedback. Inverting input of the internal error amplifier. A resistor divider from the output to this pin
FB
10
I
sets the output voltage level. The regulation threshold at the FB pin is 1.2 V. The controller is
configured as slave mode if the FB pin voltage is above 2.7 V at initial power-on.
High-side N-channel MOSFET gate drive output. Connect to the gate of the high-side synchronous
HO
19
O
N-channel MOSFET switch through a short, low inductance path.
Low-side N-channel MOSFET gate drive output. Connect to the gate of the low-side N-channel
LO
16
O
MOSFET switch through a short, low inductance path.
Switching mode selection pin. 700 k
Ω pull-up and 100 kΩ pull-down resistor internal hold MODE pin
to 0.15 V as a default. By adding external pull-up or pull-down resistor, MODE pin voltage can be
programmed. When MODE pin voltage is greater than 1.2 V diode emulation mode threshold,
forced PWM mode is enabled, allowing current to flow in either direction through the high-side N-
MODE
13
I
channel MOSFET switch. When MODE pin voltage is less than 1.2 V, the controller works in diode
emulation mode. Skip cycle comparator is activated as a default. If MODE pin is grounded, the
controller still operates in diode emulation mode, but the skip cycle comparator will not be triggered
in normal operation, this enables pulse skipping operation at light load.
Clock synchronization selection pin. This pin also enables/disables SYNCOUT related with
OPT
2
I
master/slave configuration. The OPT pin should not be left floating.
Power ground connection pin for low-side N-channel MOSFET gate driver. Connect directly to the
PGND
15
G
source terminal of the low-side N-channel MOSFET switch.
(1)
G = Ground, I = Input, O = Output, P = Power
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM5122/LM5122-Q1


Similar Part No. - LM5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122 TI1-LM5122 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122-Q1 TI1-LM5122-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122MH/NOPB TI1-LM5122MH/NOPB Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122MH/NOPB TI1-LM5122MH/NOPB Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
More results

Similar Description - LM5122

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122_15 Datasheet
2Mb / 49P
[Old version datasheet]   LM5122/-Q1 Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM25122-Q1 TI1-LM25122-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com