Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5122-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5122-Q1
Description  Wide Input Synchronous Boost Controller with Multiple Phase Capability
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5122-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  LM5122-Q1 Datasheet HTML 1Page - Texas Instruments LM5122-Q1 Datasheet HTML 2Page - Texas Instruments LM5122-Q1 Datasheet HTML 3Page - Texas Instruments LM5122-Q1 Datasheet HTML 4Page - Texas Instruments LM5122-Q1 Datasheet HTML 5Page - Texas Instruments LM5122-Q1 Datasheet HTML 6Page - Texas Instruments LM5122-Q1 Datasheet HTML 7Page - Texas Instruments LM5122-Q1 Datasheet HTML 8Page - Texas Instruments LM5122-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
LM5122/LM5122-Q1
www.ti.com
SNVS954C – APRIL 2013 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, these specifications apply for -40°C
≤ TJ ≤ +125°C, VVIN = 12 V, VVCC = 8.3 V, RT = 20 kΩ, no
load on LO and HO. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPT
Synchronization selection
OPT rising
2.0
3.0
4.0
V
threshold
SLOPE COMPENSATION
SLOPE output voltage
1.17
1.20
1.23
V
RSLOPE = 20 kΩ, fSW = 100 kHz, 50%
1.375
1.650
1.925
V
duty cycle, TJ = –40ºC to +125ºC
VSLOPE
Slope compensation amplitude
RSLOPE= 20 kΩ, fSW= 100 kHz, 50% duty
1.400
1.650
1.900
V
cycle, TJ = 25ºC
SOFT-START
ISS-SOURCE SS current source
VSS = 0 V
7.5
10
12
µA
SS discharge switch RDS-ON
13
Ω
PWM COMPARATOR
VVCC = 5.5 V
330
400
ns
tLO-OFF
Forced LO off-time
VVCC = 4.5 V
560
750
ns
RSLOPE = 5 kΩ
150
ns
tON-MIN
Minimum LO on-time
RSLOPE = 200 kΩ
300
ns
TJ = –40ºC to +125ºC
0.95
1.10
1.25
V
COMP to PWM voltage drop
TJ = 25ºC
1.00
1.10
1.20
V
CURRENT SENSE / CYCLE-BY-CYCLE CURRENT LIMIT
CSP to CSN, TJ = –40ºC to +125ºC
65.5
75.0
87.5
mV
Cycle-by-cycle current limit
VCS-TH1
threshold
CSP to CSN, TJ = 25ºC
67.0
75.0
86.0
mV
CSP to CSN, rising
7
mV
VCS-ZCD
Zero cross detection threshold
CSP to CSN, falling
0.5
6
12
mV
Current sense amplifier gain
10
V/V
ICSP
CSP input bias current
12
µA
ICSN
CSN input bias current
11
µA
Bias current matching
ICSP - ICSN
–1.75
1
3.75
µA
CS to LO delay
Current sense / current limit delay
150
ns
HICCUP MODE RESTART
VRES
Restart threshold
RES rising
1.15
1.20
1.25
V
RES rising
4.2
V
VHCP-
Hiccup counter upper threshold
RES rising,
UPPER
3.6
V
VVIN = VVCC = 4.5 V
RES falling
2.15
V
VHCP-
Hiccup counter lower threshold
RES falling,
LOWER
1.85
V
VVIN = VVCC = 4.5 V
IRES-
RES current source1
Fault-state charging current
20
30
40
µA
SOURCE1
IRES-SINK1
RES current sink1
Normal-state discharging current
5
µA
IRES-
RES current source2
Hiccup mode off-time charging current
10
µA
SOURCE2
IRES-SINK2
RES current sink2
Hiccup mode off-time discharging current
5
µA
Hiccup cycle
8
Cycles
RES discharge switch RDS-ON
40
Ω
Ratio of hiccup mode off-time to
122
restart delay time
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5122/LM5122-Q1


Similar Part No. - LM5122-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122-Q1 TI1-LM5122-Q1 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
More results

Similar Description - LM5122-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5122 TI-LM5122_15 Datasheet
2Mb / 49P
[Old version datasheet]   LM5122/-Q1 Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM25122-Q1 TI1-LM25122-Q1 Datasheet
2Mb / 47P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com