Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA1S2385 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA1S2385
Description  250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA1S2385 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA1S2385 Datasheet HTML 3Page - Texas Instruments OPA1S2385 Datasheet HTML 4Page - Texas Instruments OPA1S2385 Datasheet HTML 5Page - Texas Instruments OPA1S2385 Datasheet HTML 6Page - Texas Instruments OPA1S2385 Datasheet HTML 7Page - Texas Instruments OPA1S2385 Datasheet HTML 8Page - Texas Instruments OPA1S2385 Datasheet HTML 9Page - Texas Instruments OPA1S2385 Datasheet HTML 10Page - Texas Instruments OPA1S2385 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Frequency (Hz)
10
100
1k
100k
10k
1M
10M
1G
100M
180
160
140
120
100
80
60
40
20
0
-20
-40
Phase
Gain
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
-3
-6
-9
-12
-15
V = 0.1 V
O
PP
G = +2, R = 604 W
F
G = +1
R = 25 W
F
G = +5, R = 604 W
F
G = +10, R = 604 W
F
Frequency (Hz)
100M
10
100
1k
10k
100k
1M
10M
10k
1k
100
10
1
Current Noise
Voltage Noise
Temperature ( C)
°
65
85
105
5
25
45
135
125
-55
-35
-15
10k
1k
100
10
1
Frequency (Hz)
10k
100k
1M
10M
100M
1G
100
80
60
40
20
0
PSRR-
PSRR+
CMRR
Offset Voltage (mV)
-6
-7
-8
-5 -4 -3 -2 -1
0 1
2 3
4
5 6
7 8
OPA1S2384
OPA1S2385
www.ti.com
SBOS645A – DECEMBER 2012 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS
Amplifier conditions: At TA = +25°C, RL = 1 kΩ connected to VS / 2, and VO = VCM = VS / 2, unless otherwise noted.
Figure 1. OFFSET VOLTAGE PRODUCTION DISTRIBUTION
Figure 2. COMMON-MODE REJECTION RATIO AND
POWER-SUPPLY REJECTION RATIO vs FREQUENCY
Figure 3. INPUT BIAS CURRENT vs TEMPERATURE
Figure 4. INPUT VOLTAGE AND CURRENT NOISE
SPECTRAL DENSITY vs FREQUENCY
Figure 5. OPEN-LOOP GAIN AND PHASE
Figure 6. NONINVERTING SMALL-SIGNAL FREQUENCY
RESPONSE
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA1S2384 OPA1S2385


Similar Part No. - OPA1S2385

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2385IDRCR TI1-OPA1S2385IDRCR Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
OPA1S2385IDRCT TI1-OPA1S2385IDRCT Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
More results

Similar Description - OPA1S2385

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA1S2384 TI1-OPA1S2384 Datasheet
1Mb / 23P
[Old version datasheet]   250-MHz, CMOS Transimpedance Amplifier (TIA) with Integrated Switch and Buffer
logo
Roithner LaserTechnik G...
UV-TIAMO ROITHNER-UV-TIAMO Datasheet
703Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-M ROITHNER-UV-TIAMO-M Datasheet
696Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-BL ROITHNER-UV-TIAMO-BL Datasheet
753Kb / 3P
   integrated transimpedance amplifier
UV-TIAMO-S ROITHNER-UV-TIAMO-S Datasheet
704Kb / 3P
   integrated transimpedance amplifier
logo
Texas Instruments
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com