Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC74M Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHC74M
Description  Dual D-Type Flip-Flop with Preset and Clear
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC74M Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC74M Datasheet HTML 1Page - Fairchild Semiconductor 74VHC74M Datasheet HTML 2Page - Fairchild Semiconductor 74VHC74M Datasheet HTML 3Page - Fairchild Semiconductor 74VHC74M Datasheet HTML 4Page - Fairchild Semiconductor 74VHC74M Datasheet HTML 5Page - Fairchild Semiconductor 74VHC74M Datasheet HTML 6Page - Fairchild Semiconductor 74VHC74M Datasheet HTML 7Page - Fairchild Semiconductor 74VHC74M Datasheet HTML 8Page - Fairchild Semiconductor 74VHC74M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©1992 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC74 Rev. 1.3.0
5
AC Electrical Characteristics
Note:
3. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained from the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 2 (per F/F).
AC Operating Requirements
Note:
4. VCC is 3.3 ± 0.3V or 5.0 ± 0.5V
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
3.3 ± 0.3
CL = 15pF
80
125
70
MHz
CL = 50pF
50
75
45
5.0 ± 0.5
CL = 15pF
130
170
110
CL = 50pF
90
115
75
tPLH, tPHL Propagation Delay
Time (CK-Q, Q)
3.3 ± 0.3
CL = 15pF
6.7
11.9
1.0
14.0
ns
CL = 50pF
9.2
15.4
1.0
17.5
5.0 ± 0.5
CL = 15pF
4.6
7.3
1.0
8.5
CL = 50pF
6.1
9.3
1.0
10.5
tPLH, tPHL Propagation Delay
Time (CLR, PR -Q, Q)
3.3 ± 0.3
CL = 15pF
7.6
12.3
1.0
14.5
ns
CL = 50pF
10.1
15.8
1.0
18.0
5.0 ± 0.5
CL = 15pF
4.8
7.7
1.0
9.0
CL = 50pF
6.3
9.7
1.0
11.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(3)
25
pF
Symbol
Parameter
VCC (V)
(4)
TA = 25°C
TA = –40°C
to +85°C
Units
Typ.
Guaranteed
Minimum
tW(L), tW(H)
Minimum Pulse Width (CK)
3.3
6.0
7.0
ns
5.0
5.0
5.0
tW(L)
Minimum Pulse Width (CLR, PR)
3.3
6.0
7.0
ns
5.0
5.0
5.0
tS
Minimum Setup Time
3.3
6.0
7.0
ns
5.0
5.0
5.0
tH
Minimum Hold Time
3.3
0.5
0.5
ns
5.0
0.5
0.5
tREC
Minimum Recovery Time (CLR, PR)
3.3
5.0
5.0
ns
5.0
3.0
3.0


Similar Part No. - 74VHC74M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC74M STMICROELECTRONICS-74VHC74M Datasheet
75Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHC74M FAIRCHILD-74VHC74M Datasheet
80Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74M FAIRCHILD-74VHC74M Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74M FAIRCHILD-74VHC74M Datasheet
390Kb / 10P
   Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74M ONSEMI-74VHC74M Datasheet
465Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
More results

Similar Description - 74VHC74M

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com