Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2180ID Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2180ID
Description  0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2180ID Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2180ID Datasheet HTML 6Page - Texas Instruments OPA2180ID Datasheet HTML 7Page - Texas Instruments OPA2180ID Datasheet HTML 8Page - Texas Instruments OPA2180ID Datasheet HTML 9Page - Texas Instruments OPA2180ID Datasheet HTML 10Page - Texas Instruments OPA2180ID Datasheet HTML 11Page - Texas Instruments OPA2180ID Datasheet HTML 12Page - Texas Instruments OPA2180ID Datasheet HTML 13Page - Texas Instruments OPA2180ID Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
-60
70
80
90
100
110
120
130
140
150
-
-
-
-
-
-
-
-
-
1
100
1k
10k
100M
Frequency(Hz)
10
100k
1M
10M
ChannelAtoB
ChannelBtoA
160
140
120
100
80
60
40
20
0
10M
10G
Frequency(Hz)
100M
1G
30
20
10
0
10
20
30
-
-
-
-55
-35
-15
5
25
125
Temperature( C)
°
45
105
85
65
I
,Source
SC
I
,Sink
SC
15
12.5
10
7.5
5
2.5
0
1k
100k
1M
10M
Frequency(Hz)
V = 15V
±
S
V = 5V
±
S
V = 2.25V
±
S
Maximumoutputvoltagewithout
slew-rateinduceddistortion.
10k
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
0
60
Time( s)
m
20
10
50
40
30
12-BitSettling
( 1/2LSB= 0.024%)
±
±
G= 1
-
10
8
6
4
2
0
2
4
6
8
10
-
-
-
-
-
0
60
Time( s)
m
20
10
50
40
30
12-BitSettling
( 1/2LSB= 0.024%)
±
±
G= 1
-
OPA2180
OPA4180
SBOS584C – NOVEMBER 2011 – REVISED DECEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
VS = ±18 V, VCM = VS/2, RLOAD = 10 kΩ connected to VS/2, and CL = 100 pF, unless otherwise noted.
LARGE-SIGNAL SETTLING TIME
LARGE-SIGNAL SETTLING TIME
(10-V Positive Step)
(10-V Negative Step)
Figure 19.
Figure 20.
SHORT-CIRCUIT CURRENT vs TEMPERATURE
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Figure 21.
Figure 22.
CHANNEL SEPARATION vs FREQUENCY
EMIRR IN+ vs FREQUENCY
Figure 23.
Figure 24.
10
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: OPA2180 OPA4180


Similar Part No. - OPA2180ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180ID TI1-OPA2180ID Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180IDGK TI1-OPA2180IDGK Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180IDGKR TI1-OPA2180IDGKR Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180IDGKT TI1-OPA2180IDGKT Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180IDR TI1-OPA2180IDR Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2180ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
[Old version datasheet]   0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
[Old version datasheet]   OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180_15 Datasheet
1Mb / 38P
[Old version datasheet]    Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA180-Q1 TI1-OPA180-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   0.1-uV/C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA187 TI-OPA187_19 Datasheet
2Mb / 45P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1810 TI1-OPA187_1810 Datasheet
2Mb / 44P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187_1812 TI1-OPA187_1812 Datasheet
2Mb / 43P
[Old version datasheet]   0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
OPA187 TI1-OPA187_V02 Datasheet
2Mb / 49P
[Old version datasheet]   OPAx187 0.001-關V/째C Drift, Low Power, Rail-to-Rail Output 36-V Operational Amplifiers Zero-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com