Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA317ID Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA317ID
Description  Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA317ID Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA317ID Datasheet HTML 3Page - Texas Instruments OPA317ID Datasheet HTML 4Page - Texas Instruments OPA317ID Datasheet HTML 5Page - Texas Instruments OPA317ID Datasheet HTML 6Page - Texas Instruments OPA317ID Datasheet HTML 7Page - Texas Instruments OPA317ID Datasheet HTML 8Page - Texas Instruments OPA317ID Datasheet HTML 9Page - Texas Instruments OPA317ID Datasheet HTML 10Page - Texas Instruments OPA317ID Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0
0
Time (50 s/div)
m
Input
Output
10 kW
1 kW
Device
+2.5 V
-2.5 V
0
0
Time (50 s/div)
m
Input
Output
10 kW
1 kW
Device
+2.5 V
-2.5 V
Time(50 s/div)
m
G=1
R =10kW
L
Time(5 s/div)
m
G=+1
R =10kW
L
-50
250
200
150
100
50
0
50
100
150
200
250
-
-
-
-
-
-25
Temperature( C)
°
125
100
75
50
25
0
V =5.5V
S
V =1.8V
S
-IB
-IB
+I
B
+I
B
-50
25
20
15
10
5
0
-25
Temperature( C)
°
125
100
75
50
25
0
V =1.8V
S
V =5.5V
S
OPA317
OPA2317
OPA4317
www.ti.com
SBOS682A – MAY 2013 – REVISED JUNE 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, CL = 0 pF, RL = 10 kΩ connected to midsupply, VCM = VOUT = midsupply, unless otherwise noted.
Figure 7. INPUT BIAS CURRENT vs TEMPERATURE
Figure 8. QUIESCENT CURRENT vs TEMPERATURE
Figure 9. LARGE-SIGNAL STEP RESPONSE
Figure 10. SMALL-SIGNAL STEP RESPONSE
Figure 11. POSITIVE OVER-VOLTAGE RECOVERY
Figure 12. NEGATIVE OVER-VOLTAGE RECOVERY
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA317 OPA2317 OPA4317


Similar Part No. - OPA317ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA317ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
   Dual Rail-to-Rail I/O Precision Operational Amplifier
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com