Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA317IDR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA317IDR
Description  Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA317IDR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA317IDR Datasheet HTML 5Page - Texas Instruments OPA317IDR Datasheet HTML 6Page - Texas Instruments OPA317IDR Datasheet HTML 7Page - Texas Instruments OPA317IDR Datasheet HTML 8Page - Texas Instruments OPA317IDR Datasheet HTML 9Page - Texas Instruments OPA317IDR Datasheet HTML 10Page - Texas Instruments OPA317IDR Datasheet HTML 11Page - Texas Instruments OPA317IDR Datasheet HTML 12Page - Texas Instruments OPA317IDR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
5 kW
Device
10 mA max
+5 V
V
IN
V
OUT
I
OVERLOAD
Current-limiting resistor
required if input voltage
exceeds supply rails by
³ 0.3 V.
OPA317
OPA2317
OPA4317
www.ti.com
SBOS682A – MAY 2013 – REVISED JUNE 2013
APPLICATIONS INFORMATION
The OPA317, OPA2317, and OPA4317 are unity-gain stable, precision operational amplifiers free from
unexpected output and phase reversal. Proprietary Zerø-Drift circuitry gives the benefit of low input offset voltage
over time and temperature, as well as lowering the 1/f noise component. As a result of the high PSRR, these
devices work well in applications that run directly from battery power without regulation. The OPA317 family is
optimized for low-voltage, single-supply operation. These miniature, high-precision, low quiescent current
amplifiers offer high-impedance inputs that have a common-mode range 100 mV beyond the supplies, and a rail-
to-rail output that swings within 100 mV of the supplies under normal test conditions. The OPA317 series are
precision amplifiers for cost-sensitive applications.
OPERATING VOLTAGE
The OPA317 series op amps can be used with single or dual supplies from an operating range of VS = +1.8 V
(±0.9 V) up to +5.5 V (±2.75 V).
CAUTION
Supply voltages greater than +7 V can permanently damage the device.
See the Absolute Maximum Ratings table. Key parameters that vary over the supply voltage or temperature
range are shown in the Typical Characteristics section of this data sheet.
INPUT VOLTAGE
The OPA317, OPA2317, and OPA4317 input common-mode voltage range extends 0.1 V beyond the supply
rails. The OPA317 is designed to cover the full range without the troublesome transition region found in some
other rail-to-rail amplifiers.
Typically, input bias current is about 200 pA; however, input voltages exceeding the power supplies can cause
excessive current to flow into or out of the input pins. Momentary voltages greater than the power supply can be
tolerated if the input current is limited to 10 mA. This limitation is easily accomplished with an input resistor, as
shown in Figure 18.
Figure 18. Input Current Protection
INPUT DIFFERENTIAL VOLTAGE
The typical input bias current of the OPA317 during normal operation is approximately 200 pA. In overdriven
conditions, the bias current can increase significantly (see Figure 17).The most common cause of an overdriven
condition occurs when the op amp is outside of the linear range of operation. When the output of the op amp is
driven to one of the supply rails, the feedback loop requirements cannot be satisfied and a differential input
voltage develops across the input pins. This differential input voltage results in activation of parasitic diodes
inside the front-end input chopping switches that combine with 10-k
Ω electromagnetic interference (EMI) filter
resistors to create the equivalent circuit shown in Figure 19. Note that the input bias current remains within
specification within the linear region.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA317 OPA2317 OPA4317


Similar Part No. - OPA317IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA317IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
SGM8582 SGMICRO-SGM8582 Datasheet
447Kb / 12P
   Dual Rail-to-Rail I/O Precision Operational Amplifier
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com