Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LP0108ESA-7SR Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R1LP0108ESA-7SR
Description  1Mb Advanced LPSRAM (128k word x 8bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LP0108ESA-7SR Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R1LP0108ESA-7SR Datasheet HTML 4Page - Renesas Technology Corp R1LP0108ESA-7SR Datasheet HTML 5Page - Renesas Technology Corp R1LP0108ESA-7SR Datasheet HTML 6Page - Renesas Technology Corp R1LP0108ESA-7SR Datasheet HTML 7Page - Renesas Technology Corp R1LP0108ESA-7SR Datasheet HTML 8Page - Renesas Technology Corp R1LP0108ESA-7SR Datasheet HTML 9Page - Renesas Technology Corp R1LP0108ESA-7SR Datasheet HTML 10Page - Renesas Technology Corp R1LP0108ESA-7SR Datasheet HTML 11Page - Renesas Technology Corp R1LP0108ESA-7SR Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
R1LP0108E Series
R10DS0151EJ0100 Rev.1.00
Page 8 of 12
2013.6.21
Read Cycle
Parameter
Symbol
R1LP0108E**-5**
R1LP0108E**-7**
Unit
Note
Min.
Max.
Min.
Max.
Read cycle time
tRC
55
-
70
-
ns
Address access time
tAA
-
55
-
70
ns
Chip select access time
tACS1
-
55
-
70
ns
tACS2
-
55
-
70
ns
Output enable to output valid
tOE
-
30
-
35
ns
Output hold from address change
tOH
5
-
10
-
ns
Chip select to output in low-Z
tCLZ1
5
-
10
-
ns
2,3
tCLZ2
5
-
10
-
ns
2,3
Output enable to output in low-Z
tOLZ
5
-
5
-
ns
2,3
Chip deselect to output in high-Z
tCHZ1
0
20
0
25
ns
1,2,3
tCHZ2
0
20
0
25
ns
1,2,3
Output disable to output in high-Z
tOHZ
0
20
0
25
ns
1,2,3
Write Cycle
Parameter
Symbol
R1LP0108E**-5**
R1LP0108E**-7**
Unit
Note
Min.
Max.
Min.
Max.
Write cycle time
tWC
55
-
70
-
ns
Address valid to end of write
tAW
50
-
55
-
ns
Chip select to end of write
tCW
50
-
55
-
ns
5
Write pulse width
tWP
45
-
50
-
ns
4
Address setup time
tAS
0
-
0
-
ns
6
Write recovery time
tWR
0
-
0
-
ns
7
Data to write time overlap
tDW
25
-
30
-
ns
Data hold from write time
tDH
0
-
0
-
ns
Output enable from end of write
tOW
5
-
5
-
ns
2
Output disable to output in high-Z
tOHZ
0
20
0
25
ns
1,2
Write to output in high-Z
tWHZ
0
20
0
25
ns
1,2
Note
1. tCHZ, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit conditions and are not
referred to output voltage levels.
2. This parameter is sampled and not 100% tested.
3. At any given temperature and voltage condition, tHZ max is less than tLZ min both for a given device and from
device to device.
4. A write occurs during the overlap of a low CS1#, a high CS2, a low WE#.
A write begins at the latest transition among CS1# going low, CS2 going high and WE# going low.
A write ends at the earliest transition among CS1# going high, CS2 going low and WE# going high.
tWP is measured from the beginning of write to the end of write.
5. tCW is measured from the later of CS1# going low or CS2 going high to end of write.
6. tAS is measured the address valid to the beginning of write.
7. tWR is measured from the earliest of CS1# or WE# going high or CS2 going low to the end of write cycle.
8. Don’t apply inverted phase signal externally when DQ pin is output mode.


Similar Part No. - R1LP0108ESA-7SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0108ESA-7SR#B** RENESAS-R1LP0108ESA-7SR#B* Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESA-7SR#S** RENESAS-R1LP0108ESA-7SR#S* Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESA-7SRB0 RENESAS-R1LP0108ESA-7SRB0 Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108ESA-7SRS0 RENESAS-R1LP0108ESA-7SRS0 Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
More results

Similar Description - R1LP0108ESA-7SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0108E RENESAS-R1LP0108E Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_15 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E Datasheet
126Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E_15 Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
   8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com